Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z1SMA62 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # Z1SMA62
Description  1.0W Surface Mount Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

Z1SMA62 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  Z1SMA62 Datasheet HTML 1Page - TAITRON Components Incorporated Z1SMA62 Datasheet HTML 2Page - TAITRON Components Incorporated Z1SMA62 Datasheet HTML 3Page - TAITRON Components Incorporated Z1SMA62 Datasheet HTML 4Page - TAITRON Components Incorporated Z1SMA62 Datasheet HTML 5Page - TAITRON Components Incorporated Z1SMA62 Datasheet HTML 6Page - TAITRON Components Incorporated Z1SMA62 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. A/DX 2007-05-15
www.taitroncomponents.com
Page 2 of 7
1.0W Surface Mount Zener Diodes
Z1SMA3V3 – Z1SMA200
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Norminal Zener Voltage @ IZT
V Z
Max. Zener
Impedance
Max. Reverse
Leakage Current IR
@ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
ZZT @ IZT
IR (
μA)
VR(V)
Z1SMA3V3
FA
3.3
3.1
3.5
100
10
100
1
Z1SMA3V6
FB
3.6
3.4
3.8
100
9
75
1
Z1SMA3V9
FC
3.9
3.7
4.1
100
7.5
25
1
Z1SMA4V3
FX
4.3
4
4.6
100
6
15
1
Z1SMA4V7
FY
4.7
4.4
5
100
5
10
1
Z1SMA5V1
EA
5.1
4.8
5.4
100
4
5
1.5
Z1SMA5V6
EB
5.6
5.2
6
100
2
5
2
Z1SMA6V2
EC
6.2
5.8
6.6
100
2
5
3
Z1SMA6V8
EE
6.8
6.4
7.2
100
2.5
5
4
Z1SMA7V5
ED
7.5
7
7.9
100
3
5
5
Z1SMA8V2
EF
8.2
7.7
8.7
100
3.5
5
6
Z1SMA9V1
EG
9.1
8.5
9.6
50
4
5
7
Z1SMA10
EH
10
9.4
10.6
50
4
1
7.5
Z1SMA11
EK
11
10.4
11.6
50
7
1
8.2
Z1SMA12
EL
12
11.4
12.7
50
7
1
9.1
Z1SMA13
EM
13
12.4
14.1
50
10
1
10
Z1SMA15
EN
15
13.8
15.6
50
10
1
11
Z1SMA16
EP
16
15.3
17.1
25
15
1
12
Z1SMA18
EQ
18
16.8
19.1
25
15
1
13
Z1SMA20
ER
20
18.8
21.2
25
15
1
15
Z1SMA22
ES
22
20.8
23.3
25
15
1
16
Z1SMA24
ET
24
22.8
25.6
25
15
1
18
Z1SMA27
EU
27
25.1
28.9
25
15
1
20
Z1SMA30
EV
30
28
32
25
15
1
22
Z1SMA33
EW
33
31
35
25
15
1
24
Z1SMA36
EX
36
34
38
10
40
1
27
Z1SMA39
EY
39
37
41
10
40
1
30
Z1SMA43
EZ
43
40
46
10
45
1
33
Z1SMA47
FD
47
44
50
10
45
1
36
Z1SMA51
FF
51
48
54
10
60
1
39


Similar Part No. - Z1SMA62

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z1SMA62 DIOTEC-Z1SMA62 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA62 DIOTEC-Z1SMA62 Datasheet
94Kb / 2P
   Surface mount Silicon-Zener Diodes
logo
Semikron International
Z1SMA62 SEMIKRON-Z1SMA62 Datasheet
180Kb / 3P
   Surface mount diode Zener silicon diodes
logo
SEMTECH ELECTRONICS LTD...
Z1SMA62 SEMTECH_ELEC-Z1SMA62 Datasheet
183Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
Z1SMA62 DIOTEC-Z1SMA62 Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - Z1SMA62

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SML4728 LUGUANG-SML4728 Datasheet
1Mb / 3P
   1.0W Zener Diodes
logo
Sanyo Semicon Device
DZB62 SANYO-DZB62 Datasheet
40Kb / 2P
   1.0W Zener Diodes
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com