Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z1SMA75 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # Z1SMA75
Description  1.0W Surface Mount Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

Z1SMA75 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  Z1SMA75 Datasheet HTML 1Page - TAITRON Components Incorporated Z1SMA75 Datasheet HTML 2Page - TAITRON Components Incorporated Z1SMA75 Datasheet HTML 3Page - TAITRON Components Incorporated Z1SMA75 Datasheet HTML 4Page - TAITRON Components Incorporated Z1SMA75 Datasheet HTML 5Page - TAITRON Components Incorporated Z1SMA75 Datasheet HTML 6Page - TAITRON Components Incorporated Z1SMA75 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. A/DX 2007-05-15
Z1SMA3V3 – Z1SMA200
1.0W Surface Mount Zener Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 7
1.0W Surface Mount Zener Diodes
Features
• Glass Passivated chip junction
• Low Zener Impedance
• Excellent Clamping Capability
• High temperature soldering guaranteed: 260˚C/10 seconds
• RoHS Compliance
Mechanical Data
Case:
SMA (DO-214AC) molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Solder plated, solerable per IEC 68-2-20
Polarity:
Color band denotes cathode
Weight:
0.064 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
Ptot
Power dissipation
1.0
W
Ta=25 °C
Ptot
Power dissipation
3.0
W
Ta=25 °C, RthJA= 25 °C / W
TJ,TSTG
Operating Junction and Storage
Temperature Range
-65 to 175
° C
VF
Max. Forward Voltage drop
1.0
V
IF=0.5A
RthJC
Typical Thermal Resistance
25
°C / W
PCB epoxy-glass path 1.5mm
150
°C / W
PCB epoxy-glass path 5
x 10mm
125
°C / W
RthJA
Ceramic Plate (Al2O3) path 5
x 10mm
100
°C / W
SMA


Similar Part No. - Z1SMA75

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z1SMA75 DIOTEC-Z1SMA75 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA75 DIOTEC-Z1SMA75 Datasheet
94Kb / 2P
   Surface mount Silicon-Zener Diodes
logo
Semikron International
Z1SMA75 SEMIKRON-Z1SMA75 Datasheet
180Kb / 3P
   Surface mount diode Zener silicon diodes
logo
SEMTECH ELECTRONICS LTD...
Z1SMA75 SEMTECH_ELEC-Z1SMA75 Datasheet
183Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
Z1SMA75 DIOTEC-Z1SMA75 Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - Z1SMA75

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SML4728 LUGUANG-SML4728 Datasheet
1Mb / 3P
   1.0W Zener Diodes
logo
Sanyo Semicon Device
DZB62 SANYO-DZB62 Datasheet
40Kb / 2P
   1.0W Zener Diodes
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com