Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C850LIBS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC16C850LIBS
Description  1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C850LIBS Datasheet(HTML) 5 Page - NXP Semiconductors

  SC16C850LIBS Datasheet HTML 1Page - NXP Semiconductors SC16C850LIBS Datasheet HTML 2Page - NXP Semiconductors SC16C850LIBS Datasheet HTML 3Page - NXP Semiconductors SC16C850LIBS Datasheet HTML 4Page - NXP Semiconductors SC16C850LIBS Datasheet HTML 5Page - NXP Semiconductors SC16C850LIBS Datasheet HTML 6Page - NXP Semiconductors SC16C850LIBS Datasheet HTML 7Page - NXP Semiconductors SC16C850LIBS Datasheet HTML 8Page - NXP Semiconductors SC16C850LIBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
SC16C850L_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 13 December 2007
5 of 54
NXP Semiconductors
SC16C850L
1.8 V single UART with 128-byte FIFOs and IrDA encoder/decoder
5.
Pinning information
5.1 Pinning
Fig 3.
Pin configuration for TFBGA36
Transparent top view.
Fig 4.
Ball mapping for TFBGA36
002aac418
SC16C850LIET
Transparent top view
F
E
D
C
A
B
246
135
ball A1
index area
VDD
n.c.
n.c.
XTAL2
12345
A2
n.c.
n.c.
IOW
LOWPWR
A
B
A0
VSS
A1
VSS
TX
C
INT
CTS
VDD
D7
D
DTR
n.c.
CD
D1
D3
E
RESET
DSR
D0
D2
F
RTS
RI
002aac421
XTAL1
6
CS
RX
D6
D5
D4
IOR


Similar Part No. - SC16C850LIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C850 NXP-SC16C850 Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850IBS NXP-SC16C850IBS Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850IET NXP-SC16C850IET Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC16C850SV NXP-SC16C850SV Datasheet
987Kb / 48P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
More results

Similar Description - SC16C850LIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C852L PHILIPS-SC16C852L Datasheet
284Kb / 60P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C852L NXP-SC16C852L Datasheet
299Kb / 63P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 03-18 January 2008
SC16C850 NXP-SC16C850 Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850V NXP-SC16C850V Datasheet
216Kb / 47P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C852V NXP-SC16C852V_08 Datasheet
268Kb / 54P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C850SV NXP-SC16C850SV_V01 Datasheet
987Kb / 48P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC16C852SV NXP-SC16C852SV Datasheet
232Kb / 48P
   1.8 V dual UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-23 September 2008
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com