Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA102FMG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA102FMG
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA102FMG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA102FMG Datasheet HTML 1Page - List of Unclassifed Manufacturers PA102FMG Datasheet HTML 2Page - List of Unclassifed Manufacturers PA102FMG Datasheet HTML 3Page - List of Unclassifed Manufacturers PA102FMG Datasheet HTML 4Page - List of Unclassifed Manufacturers PA102FMG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-Channel Logic Level Enhancement
Mode Field Effect Transistor (Preliminary)
PA102FMG
SOT-23
Lead-Free
NIKO-SEM
1
Mar-25-2005
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
TC = 25 °C
-3
Continuous Drain Current
TC = 70 °C
ID
-1.4
Pulsed Drain Current
1
IDM
-10
A
TC = 25 °C
1.25
Power Dissipation
TC = 70 °C
PD
0.8
W
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RθJA
166
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle
≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250
µA
-20
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250
µA
-0.45
-0.8
-1.2
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±12V
±100
nA
VDS = -16V, VGS = 0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS = -16V, VGS = 0V, TJ = 125 °C
-10
µA
On-State Drain Current
1
ID(ON)
VDS = -5V, VGS = -4.5V
-6
A
VGS = -2.5V, ID =-1A
150
215
VGS = -4.5V, ID = -2A
98
118
Drain-Source On-State Resistance
1
RDS(ON)
VGS = -10V, ID = -2A
72
85
Forward Transconductance
1
gfs
VDS = -5V, ID = -2A
16
S
1 :GATE
2 :DRAIN
3 :SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
-20
118mΩ
-3A
G
S
D


Similar Part No. - PA102FMG

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
PA102FMG UNIKC-PA102FMG Datasheet
579Kb / 6P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
PA102FMG VBSEMI-PA102FMG Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - PA102FMG

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com