Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD9N10E Datasheet(PDF) 6 Page - ON Semiconductor

Part # MTD9N10E
Description  POWER MOSFET 9 AMPS, 100 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD9N10E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MTD9N10E Datasheet HTML 2Page - ON Semiconductor MTD9N10E Datasheet HTML 3Page - ON Semiconductor MTD9N10E Datasheet HTML 4Page - ON Semiconductor MTD9N10E Datasheet HTML 5Page - ON Semiconductor MTD9N10E Datasheet HTML 6Page - ON Semiconductor MTD9N10E Datasheet HTML 7Page - ON Semiconductor MTD9N10E Datasheet HTML 8Page - ON Semiconductor MTD9N10E Datasheet HTML 9Page - ON Semiconductor MTD9N10E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MTD9N10E
http://onsemi.com
6
SAFE OPERATING AREA
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1.0
100
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
1.0
10
100
0.01
0
25
50
75
100
125
10
24
ID = 9 A
32
150
Figure 13. Thermal Response
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
100 µs
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 20 V
SINGLE
PULSE
TC = 25°C
1 ms
10 ms
1.0E-05
0.1
1.0
0.01
40
t, TIME (s)
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
dc
D = 0.5
10 µs
16
8
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01


Similar Part No. - MTD9N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
logo
Inchange Semiconductor ...
MTD9N10E ISC-MTD9N10E Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTD9N10E-1 VBSEMI-MTD9N10E-1 Datasheet
1Mb / 9P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - MTD9N10E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTP52N10 ONSEMI-NTP52N10 Datasheet
72Kb / 8P
   Power MOSFET 52 Amps, 100 Volts
December, 2003 ??Rev. 2
NTD12N10-1G ONSEMI-NTD12N10-1G Datasheet
148Kb / 8P
   Power MOSFET 12 Amps, 100 Volts
May, 2010 ??Rev. 8
logo
Unisonic Technologies
9N80 UTC-9N80 Datasheet
178Kb / 5P
   9 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N10 UTC-7N10 Datasheet
170Kb / 6P
   7 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
   6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N10P CHONGQING-8N10P Datasheet
511Kb / 7P
   8 Amps,100 Volts N-CHANNEL Power MOSFET
12N10P CHONGQING-12N10P Datasheet
532Kb / 7P
   12 Amps,100 Volts N-CHANNEL Power MOSFET
logo
Unisonic Technologies
UT2N10 UTC-UT2N10 Datasheet
150Kb / 3P
   2 Amps,100 Volts N-CHANNEL POWER MOSFET
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
   80 Amps, 100 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com