Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3725EMSE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3725EMSE
Description  Single-Switch Forward Controller and Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3725EMSE Datasheet(HTML) 3 Page - Linear Technology

  LTC3725EMSE Datasheet HTML 1Page - Linear Technology LTC3725EMSE Datasheet HTML 2Page - Linear Technology LTC3725EMSE Datasheet HTML 3Page - Linear Technology LTC3725EMSE Datasheet HTML 4Page - Linear Technology LTC3725EMSE Datasheet HTML 5Page - Linear Technology LTC3725EMSE Datasheet HTML 6Page - Linear Technology LTC3725EMSE Datasheet HTML 7Page - Linear Technology LTC3725EMSE Datasheet HTML 8Page - Linear Technology LTC3725EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3725
3
3725f
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, GND = PGND = 0V, TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout (UVLO)
VUVLOR
Undervoltage Lockout Threshold Rising
Rising
1.220
1.242
1.280
V
VUVLOF
Undervoltage Lockout Threshold Falling
Falling
1.205
1.226
1.265
V
IHUVLO
Hysteresis Current
VUVLO = 1V
4.2
4.9
5.6
µA
VUVLOOP
Voltage Feedforward Operating Range
Primary-Side Control
VUVLOF(MIN)
3.75
V
Gate Driver (GATE)
ROS
Output Pull-Down Resistance
IOUT = 100mA
1.9
VOH
High Output Voltage
IOUT = –100mA
11
V
IPU
Peak Pull-Up Current
1.7
A
tr
Output Rise Time
10% to 90%, COUT = 4.7nF
40
ns
tf
Output Fall Time
10% to 90%, COUT = 4.7nF
70
ns
Rectifier
IRECT
Maximum Rectifier DC Output Current
25
mA
Oscillator
fOSC(P)
Oscillator Frequency
Primary-Side Control, RFS(P) = 100kΩ
200
kHz
Primary-Side Control, RFS(P) = 25kΩ
700
kHz
Primary-Side Control, RFS(P) = 300kΩ
70
kHz
∆fRFS(P)
Oscillator Resistor Set Accuracy
Primary-Side Control
25k < RFSET < 300k
±15
%
fOSC(S)
Oscillator Frequency
Secondary-Side Control (During Start-Up),
300
kHz
RFS(S) = 100kΩ
Soft-Start/Fault (SSFLT)
ISS(C)
Soft-Start Charge Current
Primary-Side Control, VSSFLT = 2V
–5.2
µA
Secondary-Side Control, VUVLO = 1.3V,
–4
µA
VSSFLT = 2V
Secondary-Side Control, VUVLO = 3.75V,
–1.6
µA
VSSFLT = 2V
VLRTO
Linear Regulator Time Out-Threshold
3.9
V
VFLTH
Fault Output High
VCC = 8V
6.7
V
ISS(D)
Soft-Start Discharge Current
Timing Out After Fault, VSSFLT = 2V
1
µA
Current Sense Input (IS)
VIS(MAX)
Overcurrent Threshold
300
mV
Volt Second Limit (VSLMT)
VVSL(MAX)
Volt-Second Limit Threshold
1.26
V
IVSLMT(MAX)
Maximum Volt-Second Limit Resistor Current
0.25
mA
Optoisolator Bias Current
VOPTO
Open Circuit Optoisolator Voltage
Primary-Side Control IFB = 0V
3.3
V
IOPTO
Optoisolator Bias Current
Primary-Side Control VFB = 2.5V
0.5
mA
Primary-Side Control VFB = 0V
1.6
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Operating junction temperature TJ (in °C) is calculated from the
ambient temperature TA and the average power dissipation PD (in watts)
by the formula: TJ = TA + θJA • PD. Refer to the Applications Information
section for details.
Note 3: ICC is the sum of current into NDRV and VCC.


Similar Part No. - LTC3725EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3725 LINER-LTC3725 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3725 LINER-LTC3725 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3725 LINER-LTC3725 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
More results

Similar Description - LTC3725EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705_15 Datasheet
299Kb / 20P
   2-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705 Datasheet
293Kb / 20P
   2-Switch Forward Controller and Gate Driver
LTC3765 LINER-LTC3765_15 Datasheet
272Kb / 24P
   Active Clamp Forward Controller and Gate Driver
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1 Datasheet
235Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
logo
Texas Instruments
EMB1428Q TI1-EMB1428Q Datasheet
863Kb / 29P
[Old version datasheet]   Switch Matrix Gate Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com