Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC1212W5 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANC1212W5
Description  Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC1212W5 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANC1212W5 Datasheet HTML 1Page - Wall Industries,Inc. LANC1212W5 Datasheet HTML 2Page - Wall Industries,Inc. LANC1212W5 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANCW5 Series
Single and Dual Output
5 Watt DC/DC Converter
2:1 and 4:1 Wide Input Voltage
Rev. B
FEATURES
● Five-Sided Shielding
● 5 Watts Output power
● High Efficiency up to 84%
● Standard 1.25 x 0.8 x 0.4 Inches
● Fixed Switching Frequency (300KHz)
● 2:1 and 4:1 Ultra Wide Input Voltage Range
● Compliant to RoHS EU Directive 2002/95/EC
● UL60950-1, EN60950-1, and IEC60950-1 Licensed
● Standard 24 Pin DIP Package and SMT Type Package
● CE Mark meets 2006/95/EC, 93/68/EEC, and 2004/108/EC
SPECIFICATIONS: LANCW5 Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range
LANCW5 ........................ 12V nominal input ............................9-18Vdc
24V nominal input .........................18-36VDC
48V nominal input ........................ 36-75VDC
LANCUW5...................... 24V nominal input ...........................9-36VDC
48V nominal input .........................18-75VDC
Input Filter ....................................................................................... Pi Type
Input Surge Voltage (100ms max) ...... 12V input ...........................36VDC
24V input ...........................50VDC
48V input .........................100VDC
Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p
Start Up Time (nominal Vin and constant resistive load) ...........450ms typ.
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Output Current ..............................................................................see table
Output Power .......................................................................... 5 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (no load to full load) ...... Single Output................. ±0.5%
Dual Output ....................... ±1%
Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............ ±5%
Minimum Load ....................................................................................... 0%
Ripple/Noise (20 MHz BW) .......................................................... 50mVp-p
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) ...................... 200us
PROTECTION SPECIFICATIONS
Over Load Protection (% of full load at nominal input)................ 170% typ.
Short Circuit Protection .............................Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency.......................................................................................see table
Switching Frequency................................................................300KHz typ.
Isolation Voltage
Input to Output ............................................................. 1600VDC min.
Input (Output) to Case (DIP) ........................................ 1600VDC min.
Input (Output) to Case (SMT)....................................... 1000VDC min.
GENERAL SPECIFICATIONS (CONTINUED)
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ................................................................ 300pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Standard .................................................. -25°C to +85°C (w/ derating)
“I” (See notes 6 & 9) ............................. -40°C to +85°C (w/o derating)
“I” (UW Series)......................................... -40°C to +85°C (w/ derating)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ................. Standard ......................... +100°C
“I” suffix ............................ +105°C
Relative Humidity (non-condensing) .....................................5% to 95% RH
Thermal Impedance (Natural Convection) ................................. 20°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 1) ........BELLCORE TR-NWT-000332...... 3.165 x 10
6 hrs
MIL-HDBK-217F........................... 1.631 x 10
6 hrs
PHYSICAL SPECIFICATIONS
Weight ....................................DIP .......................................... 16g (0.55 oz)
SMT......................................... 18g (0.63 oz)
Dimensions................... 1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm)
Case Material ..............................................................Nickel-coated copper
Base Material...................................................Non-conductive black plastic
Potting material..................................................................Epoxy (UL94-V0)
Shielding..................................................................................... five – sided
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
EMI .....................................EN55022 .............................................. Class A
ESD ..... EN61000-4-2……….
………………Perf. Criteria A
Radiated Immunity..............EN61000-4-3............... 10V/m Perf. Criteria A
Fast Transient.....................EN61000-4-4................. ±2KV Perf. Criteria B
Surge (See Note 7).............EN61000-4-5................ .±1KV Perf. Criteria B
Conducted Immunity...........EN61000-4-6............ 10 Vrms Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Wireless Network
● Telecom/Datacom
● Industry Control System
● Measurement Equipment
● Semiconductor Equipment
Air
± 8KV
Contact ± 6KV


Similar Part No. - LANC1212W5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC1212W5 WALL-LANC1212W5 Datasheet
261Kb / 4P
   Single and Dual Outputs
More results

Similar Description - LANC1212W5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW12 WALL-LANCW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com