Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANE1215N6KV Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # LANE1215N6KV
Description  Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE1215N6KV Datasheet(HTML) 6 Page - Wall Industries,Inc.

  LANE1215N6KV Datasheet HTML 1Page - Wall Industries,Inc. LANE1215N6KV Datasheet HTML 2Page - Wall Industries,Inc. LANE1215N6KV Datasheet HTML 3Page - Wall Industries,Inc. LANE1215N6KV Datasheet HTML 4Page - Wall Industries,Inc. LANE1215N6KV Datasheet HTML 5Page - Wall Industries,Inc. LANE1215N6KV Datasheet HTML 6Page - Wall Industries,Inc. LANE1215N6KV Datasheet HTML 7Page - Wall Industries,Inc. LANE1215N6KV Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANE-6KV Series
Single and Dual Output
1 Watt DC/DC Converter
7 pin SIP with 6KVDC Isolation
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0Ω at
100 KHz) to simulate source impedance.
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.33uF ceramic capacitor.
Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20MHz.
Position the load between 50mm and 75mm from the DC/DC Converter.


Similar Part No. - LANE1215N6KV

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE1215N6KV WALL-LANE1215N6KV Datasheet
127Kb / 5P
   1 Watt Output Power 3000VACrms (6000VDC) I/O Isolation
LANE1215N6KV WALL-LANE1215N6KV Datasheet
513Kb / 5P
   1 Watt Medical & Industrial DC/DC Power Converters
More results

Similar Description - LANE1215N6KV

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
GA6KV WALL-GA6KV Datasheet
218Kb / 7P
   With 6KVDC Isolation Single and Dual Output 2 Watt DC - DC Converter
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-13DS2 CETTECHNOLOGY-CT-13DS2 Datasheet
365Kb / 2P
   1000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
LANH WALL-LANH Datasheet
218Kb / 4P
   SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com