Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANK10W Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANK10W
Description  2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANK10W Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANK10W Datasheet HTML 1Page - Wall Industries,Inc. LANK10W Datasheet HTML 2Page - Wall Industries,Inc. LANK10W Datasheet HTML 3Page - Wall Industries,Inc. LANK10W Datasheet HTML 4Page - Wall Industries,Inc. LANK10W Datasheet HTML 5Page - Wall Industries,Inc. LANK10W Datasheet HTML 6Page - Wall Industries,Inc. LANK10W Datasheet HTML 7Page - Wall Industries,Inc. LANK10W Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANK 10W Series
2:1 Wide Input Range
Single and Dual Output
10 Watt DC/DC Converter
FEATURES
● I/O Isolation 1500VDC
● MTBF > 1,000,000 Hours
● Industry Standard Pinout
● High Efficiency up to 88%
● CSA1950 Safety Approval
● 2:1 Wide Input Voltage Range
● Complies with EN55022 Class A
● Short Circuit and Over Voltage Protection
SPECIFICATIONS: LANK 10W Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
12V input models
9
12
18
VDC
24V input models
18
24
36
VDC
Input Voltage Range
48V input models
36
48
75
VDC
12V input models
7
8
9
VDC
24V input models
14
16
18
VDC
Start Voltage
48V input models
30
33
36
VDC
12V input models
8.5
VDC
24V input models
17
VDC
Under Voltage Shutdown
48V input models
34
VDC
12V input models
-0.7
25
VDC
24V input models
-0.7
50
VDC
Input Surge Voltage (1000ms)
48V input models
-0.7
100
VDC
Reverse Polarity Input Current
All models
0.5
A
Reflected Ripple Current
See Table
Short Circuit Input Power
All models
2500
mW
Input Filter
All models
Pi Filter
OUTPUT (Vo)
Output Voltage Range
See Table
Output Voltage Accuracy
±0.6
±1.2
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Load Regulation
Io = 10% to 100%
±0.5
±1.2
%
Load Regulation (2.5V output only)
Io = 10% to 100%
±0.7
±1.5
%
Line Regulation
Vin = Min to Max
±0.3
±1.0
%
Output Power
10
W
Output Current Range
See Table
Ripple & Noise (20MHz)
50
85
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Load, and Temperature
100
mVpk-pk
Ripple & Noise (20MHz)
15
mVrms
Transient Recovery Time
25% Load Step Change
250
500
µs
Transient Response Deviation
25% Load Step Change
±3
±5
%
Temperature Coefficient
±0.01
±0.02
%/°C
PROTECTION
Over Power Protection
110
150
180
%
Short Circuit Protection
Continuous
12V input models
2000mA Slow-Blow Type
24V input models
1000mA Slow-Blow Type
Input Fuse Recommendation
48V input models
500mA Slow-Blow Type
GENERAL
Efficiency
See Table
Switching Frequency
400
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Tested for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
1000
1200
pF
Maximum Capacitive Load
See Table
Internal Power Dissipation
2500
mW


Similar Part No. - LANK10W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK10W WALL-LANK10W Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
More results

Similar Description - LANK10W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com