Part Name
         Description
LV12S5-100

 Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package ( 15 Page)


WALL
100% 
Zoom Out Zoom In
 
 1 page
background image
(888) 597-WALL
www.wallindustries.com
1 of 15
TECHNICAL DATASHEET
Rev. D
LV12S5-100
Low Voltage DC-DC Converter
10-36 Vdc Input
5Vdc Output at 20A
Half-Brick Package
Applications:
• For use in 12V and 24V battery applications.
• For use in Intermediate and Distributed Bus
Architectures (IBA)
• Telecommunication equipment
• Network (LANs/WANs) Equipment
• Next generation low voltage, high current
microprocessors and Ics
Features:
Up to 88% Efficient
Cost Efficient Solution
Delivering 20A at Room Temperature with No
Added Heat Sink with 400LFM
Fixed Switching Frequency
High Reliability
Consult Factory for Optional Heat Sink
Output Short Circuit Protection
Output Over Current Protection
Optional Encapsulation for added Ruggedness
Remote ON/OFF
Remote Sense Compensation to 10% Vout
Fast Transient Response
100% Burn In
Soft Start
Description:
The LV12S5-100 is a high density, low input voltage, isolated converter with a wide input voltage range.
Low input voltage converters are uncommon in the industry and the LV12S5-100 offers the flexibility of
operation with both 12V and 24V busses. This state-of-the-art converter’s features include fast transient
response, short circuit protection, over current protection, soft start, and many other features that are
required for today’s demanding applications.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2621_05Low Input Voltage Step-Up DC-DC Converter 1 2 3 4 5 MoreNational Semiconductor
LANKH3000VDC I/O Isolation Single and Dual Output 3 Watt DC/DC Converter 24 Pin DIP & SMT Package 2:1 Wide Input Voltage Range 1 2 3 Wall Industries,Inc.
LM36773MHz 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits Coming SoonNational Semiconductor
LANC2405DW12DC/DC Converter 18-36 VDC Input ±5.0 VDC Output at ±1.2A 1 2 3 4 5 MoreWall Industries,Inc.
LANC2405UW12DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A 1 2 3 4 5 MoreWall Industries,Inc.
MAS91868 X 8-bit D to A Converter 3-pin Serial Data Interface Low Voltage Output Buffer 1 2 3 4 5 MoreMicro Analog systems
LANC1225W12DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LANC2412DW8DC/DC Converter 18-36 VDC Input ±12 VDC Output at ±0.333A 1 2 3 4 5 MoreWall Industries,Inc.
LANC2412DW12DC/DC Converter 18-36 VDC Input ±12 VDC Output at ±0.5A 1 2 3 4 5 MoreWall Industries,Inc.
LANC4812UW12DC/DC Converter 18-75 VDC Input 12 VDC Output at 1.0A 1 2 3 4 5 MoreWall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl