Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANK123.3W3H Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANK123.3W3H
Description  3000VDC I/O Isolation Single and Dual Output 3 Watt DC/DC Converter 24 Pin DIP & SMT Package 2:1 Wide Input Voltage Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANK123.3W3H Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANK123.3W3H Datasheet HTML 1Page - Wall Industries,Inc. LANK123.3W3H Datasheet HTML 2Page - Wall Industries,Inc. LANK123.3W3H Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANK “H” Series
3000VDC I/O Isolation
Single and Dual Output
3 Watt DC/DC Converter
24 Pin DIP & SMT Package
2:1 Wide Input Voltage Range
FEATURES
● 3000VDC I/O Isolation
● Over Current Protection
● MTBF > 3,000,000 Hours
● High Efficiency up to 80%
● 2:1 Wide Input Voltage Range
● 3 Watts Regulated Output Power
● International Safety Standard Approval
● Standard 24 Pin DIP Package and SMT Type Package
SPECIFICATIONS: LANK “H” Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 5V nominal input ......................... 4.5 - 6VDC
12V nominal input ....................... 9 - 18 VDC
24V nominal input ..................... 18 - 36 VDC
48V nominal input ..................... 36 - 75 VDC
Input Filter ....................................................................................... Pi Type
Input Surge Voltage (100ms max) ....... 5V input .............................15VDC
12V input ..........................36 VDC
24V input ..........................50 VDC
48V input ........................100 VDC
Input Reflected Ripple Current (Note 2)......................................120mAp-p
(nominal Vin and full load)
Start Up Time (nominal Vin and constant resistive load) .............30ms typ.
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Output Current ..............................................................................see table
Output Power .......................................................................... 3 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (25% to 100% FL)......... Single Output.................. ±0.2%
Dual Output ....................... ±2%
Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............ ±5%
Minimum Load (See Note 1) ...................................................... 10% of FL
Ripple/Noise (20 MHz BW) ...... 3.3V and 5V outputs ...................75mVp-p
others.........................1%/p-p of Vout max
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) .......................500us
PROTECTION SPECIFICATIONS
Over Load Protection (% of full load at nominal input)................ 180% typ.
Short Circuit Protection. ............................ continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency.......................................................................................see table
Switching Frequency................................................................100KHz typ.
GENERAL SPECIFICATIONS (CONTINUED)
Isolation Voltage (Input to Output)......................................... 3000VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ................................................................ 300pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Standard ........................................................................... -25°C ~ +71°C
“I” Suffix (See Note 7) ....................................................... -40°C ~ +71°C
Storage Temperature .......................................................... -55°C ~ +105°C
Relative Humidity...................................................................5% to 95% RH
Thermal Shock .................................................................... MIL-STD-810D
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 3) ............................................................ 3.69 x 10
6 hours
PHYSICAL SPECIFICATIONS
Weight
DIP Type.............................................................................. 14g (0.48 oz)
SMT Type ............................................................................ 15g (0.52 oz)
Dimensions................... 1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm)
Case Material ..................................................Non-conductive black plastic
Base Material...................................................Non-conductive black plastic
Potting material..................................................................Epoxy (UL94-V0)
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
Conducted Emissions................. EN55022 ...................................... Class A
Radiated Emissions.................... EN55022 ...................................... Class A
ESD ............................................ EN61000-4-2.....................Perf. Criteria B
Radiated Immunity...................... EN61000-4-3.....................Perf. Criteria A
Fast Transient............................. EN61000-4-4.....................Perf. Criteria B
Surge .......................................... EN61000-4-5.....................Perf. Criteria B
Conducted Immunity................... EN61000-4-6.....................Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
UL E193009
TUV
CB
CE MARK


Similar Part No. - LANK123.3W3H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK123.3W2 WALL-LANK123.3W2 Datasheet
95Kb / 2P
   UP TO 4 WATTS
LANK123.3W2 WALL-LANK123.3W2 Datasheet
298Kb / 7P
   2~4 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - LANK123.3W3H

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-2W CETTECHNOLOGY-CT-12D-2W Datasheet
688Kb / 2P
   3000Vdc Isolation Single & Dual Output 2 Watt Dc-Dc Converter
CT-12D-3W CETTECHNOLOGY-CT-12D-3W Datasheet
691Kb / 2P
   3000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
MSLUH WALL-MSLUH Datasheet
168Kb / 5P
   3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com