Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C35QA-25.000M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C35QA-25.000M
Description  MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C35QA-25.000M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C35QA-25.000M Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
33
HEC, INC. HOORAY USA • 30961 WEST AGOURA RD., SUITE 311 • WESTLAKE VILLAGE CA USA 91361
TEL: 818-879-7414 • FAX: 818-879-7417 • EMAIL: sales@hoorayusa.com • INTERNET: www.hoorayusa.com
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
These dual in line Quartz Crystal Clock Oscillators are designed
for use as clock generators and timing sources where high
temperature, miniature size, and high reliability are of paramount
importance. It is hermetically sealed to assure superior performance.
FEATURES:
• Temperatures up to 300
°C
• Low profile: seated height only 0.200”
• DIP Types in Commercial & Military versions
• Wide frequency range: 1 Hz to 25 MHz
• Stability specification options from ±20 to ±1000 PPM
• Seal tested per MIL-STD-202
• Hybrid construction to MIL-M-38510
• Available screen tested to MIL-STD-883
• Meets MIL-05-55310
Frequency Range
1 Hz to 25.000 MHz
Accuracy @ 25
°C
±0.0015%
Supply Voltage, VDD
+5 VDC to +15VDC
Supply Current ID
1 mA max. at +5VDC
5 mA max. at +15VDC
Output Load
CMOS Compatible
Symmetry
50/50% ± 10% (40/60%)
Rise and Fall Times
5 nsec max at +5V, CL=50pF
5 nsec max at +15V, RL=200k
Logic ‘0’ Level
+0.5V 50k
Ω Load to input voltage
Logic ‘1” Level
VDD- 1.0V min, 50k
Ω load to ground
Aging
5 PPM / Year max.
Storage Temperature
-65
°C to +300°C
Operating Temperature
-25 +150
°C up to -55 + 300°C
Stability
±20 PPM ~ ±1000 PPM
Leak Rate
1 (10)-8 ATM cc/sec
Hermetically sealed package
Bend Test
Will withstand 2 bends of 90
°
reference to base
Marking
Epoxy ink, heat cured or laser mark
Solvent Resistance
Isopropyl alcohol, tricholorethane,
freon for 1 minute immersion
Terminal Finish
Gold
ENVIRONMENTAL DATA
Vibration:
50G Peak, 2 kHz
Shock:
1000G, 1msec. Half Sine
Acceleration:
10,000G, 1 min.
Sample Part Number:
C17SA-25.000M
C:
CMOS Oscillator
1:
Package drawing (1, 2, or 3)
7:
Temperature Range (see below)
S:
Temperature Stability (see below)
A:
Pin Connections
Temperature Range Options:
5: -25
°C to +150°C
9: -55
°C to +200°C
6: -20
°C to +175°C
10: -55
°C to +250°C
7:
0
°C to +200°C
11: -55
°C to +300°C
8: -20
°C to +200°C
Temperature Stability Options:
Q: ±1000 PPM
S: ±100 PPM
R: ±500 PPM
T: ± 50 PPM
W: ±200 PPM
U: ±20 PPM
T
U
P
T
U
O)
D
N
G
(
-
B+
B.
C
.
N
A8
7
4
13
1
-
9
,
6
-
1
B5
7
4
4
1
-
8
,
6
,
3
-
1
C1
8
4
13
1
-
9
,
7
-
3
PIN CONNECTIONS
MECHANICAL SPECIFICATIONS
PART NUMBERING GUIDE
ELECTRICAL SPECIFICATIONS
TESTING SPECIFICATIONS
20.32 (0.80) max
Pin 1
5.08
(0.20)
5.59
(0.22)
Pin 1
1
7
8
14
2.54 (0.10)
3.81
(0.15)
20.32 (0.80) max
Pin 1
5.08
(0.20)
5.59
(0.22)
Pin 1
17
8
14
2.54 (0.10)
3.81
(0.15)
PACKAGE TYPE 1
PACKAGE TYPE 2
PACKAGE TYPE 3
#8
#1
#5
#4
o 0.55 MAX
7.65 ± 0.2
6.8 MIN
5.3 MAX
0.8
12.8 MIN


Similar Part No. - C35QA-25.000M

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
C35 DIGITRON-C35 Datasheet
148Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
C35 NJSEMI-C35 Datasheet
128Kb / 2P
   C35 SERIES
logo
Powerex Power Semicondu...
C350 POWEREX-C350 Datasheet
244Kb / 6P
   Phase Control SCR 115 Amperes Avg 500-1300 Volts
logo
Kemet Corporation
C350 KEMET-C350 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C350 KEMET-C350 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C35QA-25.000M

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOHT STATEK-CXOHT Datasheet
754Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
RSG Electronic Componen...
CXOHT4SHGESM3 RSG-CXOHT4SHGESM3 Datasheet
178Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
STATEK CORPORATION
CXOMKHT STATEK-CXOMKHT Datasheet
579Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
All Sensors Corporation
0.3PSI-G-4V-MIL-ND ASC-0.3PSI-G-4V-MIL-ND Datasheet
47Kb / 4P
   Military Temperature Grade
logo
Advanced Crystal Techno...
ACT1100 ACT-ACT1100 Datasheet
220Kb / 3P
   Standard Clock Oscillators
23/3/6
logo
Glenair, Inc.
MS20030 GLENAIR-MS20030 Datasheet
59Kb / 1P
   Military Standard Connector Index
MS27513 GLENAIR-MS27513 Datasheet
59Kb / 1P
   Military Standard Connector Index
M8151125 GLENAIR-M8151125 Datasheet
58Kb / 1P
   Military Standard Connector Index
MS3100 GLENAIR-MS3100 Datasheet
59Kb / 1P
   Military Standard Connector Index
M83723-20 GLENAIR-M83723-20 Datasheet
58Kb / 1P
   Military Standard Connector Index
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com