Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1580 Datasheet(PDF) 2 Page - Motorola, Inc

Part # AN1580
Description  MOUNTING AND SOLDERING RECOMMENDATIONS FOR THE MOTOROLA POWER FLAT PACK PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN1580 Datasheet(HTML) 2 Page - Motorola, Inc

  AN1580 Datasheet HTML 1Page - Motorola, Inc AN1580 Datasheet HTML 2Page - Motorola, Inc AN1580 Datasheet HTML 3Page - Motorola, Inc AN1580 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN1580
2
MOTOROLA RF APPLICATIONS REPORT
The package’s 16 leads are manufactured to be coplanar
within a 0.10 mm (.004
″) tolerance (see Figure 1). The bottom
surfaces of the 16 feet will be no more than 0.10 mm (.004
″)
above the seating plane (see Datum C in Figure 4), defined as
the plane furthest from the center of gravity, and common to
three of the package feet that surround the center of gravity.
Simply, when the package is placed feet first (down) on an
ideally flat plane, no foot will be more than 0.10 mm above the
plane.
Figure 1 uses exaggerated lead lengths to demonstrate
more clearly acceptable tolerances. Leads 1, 2, 4, 5, 6, and 7
are all depicted ideally coplanar with the basis plane. Leads
3 and 8 are marginally acceptable at the extreme edge of the
tolerance.
Figure 2 displays the standoff specification and how it
controls height of the metallic heat sink above the seating
plane. The bottom surface of the metallic heat sink must not
be lower than 0.025 mm (0.001
″), nor may it be lower than the
bottom of the highest lead, (highest possible lead is limited by
the coplanarity condition at 0.10 mm or 0.004
″) and it may not
be higher than 0.152 mm (0.006
″) above the seating plane.
The foot angle specification requires the toe end of the foot
of the lead to be lower than the heel end by 0 to 8
°, as
referenced from the seating plane. See Greek symbol Theta
(
θ) in the Package Outline Dimension table in Figure 4.
These three specifications ensure that the manufacturer
receives
reflow
solderable
products.
The
coplanarity
specification ensures that all of the leads on the package will
be solderable to a PC board with a proper solder reflow
process. It also helps increase the repeatability and reliability
of a manufacturer’s reflow processes. The standoff restricts
the solderable pad above the basis plane and places it no
lower than the highest lead. It also creates space to clean off
the residual flux resin. Finally, the foot angle specification
allows for smoother solder fillets between the lead and the PC
board. These specifications all make the package more
solderable, reduce solder defects and rejects, and help
provide longer life solder joints, as well as provide a very
durable product for the customer.
MOUNTING/SOLDERING CONSIDERATIONS
Soldering the PFP–16 to a PC board requires no more
equipment than most
other surface mount packages.
However, due to the backside contact, some precautions
about how the equipment is used to produce quality solder
joints are necessary. The soldering recommendations that
follow are provided solely for the convenience of the
manufacturer and are not sufficient for actual manufacturing
processes due to variations from process to process.
The PFP–16 package is intended to be placed onto solder
paste that is 0.15 mm (0.006
″) high and on a PC board with an
overstroke of 0.10 mm (0.004
″). These values are to be
considered as suggested values only.
An overstroke of 0.10 mm is created by setting the
placement piston of a “pick and place” machine not only to
push the part off of the vacuum head and onto the PC board
but also to continue its quick motion and push the part an extra
0.10 mm into the PC board, and then release. This is an
intended part of the package design so that the bottom surface
of the metal heat sink will get pushed into contact with the
solder paste that is already on the PC board. This process
should leave solder clinging to the bottom surface of the
backside contact, which, when reflowed, should result in a
quality solder joint as shown in Figure 3.
The PFP–16 has been successfully soldered to a PC board
using many different reflow techniques (infrared, hot stage,
etc.). Specifications for soldering and reflowing the PFP–16
depend on many external factors such as board mass,
component density, and reflow methodology. It is important to
note that most solder liquidus temperatures are higher than
the rated exposure temperatures of the package and
semiconductor devices, and under such conditions, damage
to the part may result. Consequently, customers are cautioned
against exposing the package to high temperatures for
extended periods of time. The following are suggested values.
Figure 3. Effect of Overstroke
NORMAL
LEAD
POSITION
NORMAL
LEADS
FLEXING
OUT
OVERSTROKE
NORMAL PLACEMENT
PRINTED CIRCUIT BOARD
HEAT SINK FORCED INTO SOLDER


Similar Part No. - AN1580

ManufacturerPart #DatasheetDescription
logo
Macronix International
AN158 MCNIX-AN158 Datasheet
22Kb / 3P
   Serial-Data Interface Chip Supplies Bipolar Voltages
logo
Panasonic Semiconductor
AN15861A PANASONIC-AN15861A Datasheet
719Kb / 8P
   AV Switch IC
AN15865A PANASONIC-AN15865A Datasheet
460Kb / 37P
   The video switch IC including the synchronous separation function for TV
More results

Similar Description - AN1580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2639 STMICROELECTRONICS-AN2639 Datasheet
522Kb / 15P
   Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
   package description and recommendations for use
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
logo
Freescale Semiconductor...
AN3150 FREESCALE-AN3150 Datasheet
183Kb / 4P
   Soldering Recommendations for Pressure Sensor Devices
logo
STMicroelectronics
AN2348 STMICROELECTRONICS-AN2348 Datasheet
267Kb / 17P
   package description and recommendations for use
AN3232 STMICROELECTRONICS-AN3232 Datasheet
1Mb / 26P
   Mounting recommendations
logo
Amkor Technology
FLATPACK AMKOR-FLATPACK Datasheet
490Kb / 1P
   Ceramic Flat Pack Package
logo
STMicroelectronics
AN2027 STMICROELECTRONICS-AN2027 Datasheet
53Kb / 5P
   Mounting recommendations for ceramic DMOS packages
logo
M/A-COM Technology Solu...
AN3025 MA-COM-AN3025 Datasheet
34Kb / 2P
   Transistor Mounting and Soldering
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com