Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANK4815W3 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANK4815W3
Description  UP TO 4 WATTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANK4815W3 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANK4815W3 Datasheet HTML 1Page - Wall Industries,Inc. LANK4815W3 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAN K SERIES
TO 4 WATTS
WWW
.WALLINDUSTRIES.COM
1
603 778 2300
LAN K SERIES - UP TO 4 WATTS
• 1500VDC Isolation Voltage
• 2:1 and 4:1 Input, Single and Dual Outputs
• Regulated Outputs
• 80% typical efficiency
• Low Reflected Ripple Current
• -40°C Operating Temperature Versions Available
(consult factory).
• No derating -40°C through +71°C Ambient
• UL/CUL 1950
THE LAN K SERIES FROM WALL INDUSTRIES
When high isolation and wide input voltage range
are needed, the LAN K Series offers a superior
solution at an economical price. The LAN K
Series is fully regulated and housed in an industry
standard 24 pin DIP package.
SPECIFICATIONS: LAN K SERIES
All specifications apply @ +25 C ambient unless otherwise
noted.
INPUT SPECIFICATIONS
Input Voltage Range .................5, 12, 24, 48 nominal (2:1)
24, 48 nominal (4:1)
Input Filtering .....................................................Pi Network
OUTPUT SPECIFICATIONS
Output Current......................................................see table
Voltage Tolerance................................................±1% max.
Line Regulation: ....at full load..........................±0.5% max.
Load Regulation: ..10-100% load................................±1%
Ripple/Noise ..........20MHz BW.......................1% p-p max.
Short Circuit Protection......................................continuous
Temp Coefficient: ..at full load...................±0.02%/°C max.
GENERAL SPECIFICATIONS
Efficiency ...............at full load ..........................80% typical
Isolation Voltage ....input to output.......................1500VDC
Isolation Resistance ........................................1000Mohms
Switching Frequency ...................................300kHz typical
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature...................................-40 to +71°C
Storage Temperature ....................................-40 to +125°C
Cooling...................................................free air convection
Derating.......................................................................none
PHYSICAL SPECIFICATIONS
Dimensions ...........................................0.80 x 1.25 x 0.40”
Case Material ................non-conductive black plastic (2:1)
metal with non-conductive base (4:1)
Due to advances in technology, specifications subject to change
without notice.
5/23/2006


Similar Part No. - LANK4815W3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK4815W3 WALL-LANK4815W3 Datasheet
298Kb / 7P
   2~4 Watts DC/DC Converter Single and Dual Output
LANK4815W3H WALL-LANK4815W3H Datasheet
203Kb / 3P
   3000VDC I/O Isolation Single and Dual Output 3 Watt DC/DC Converter 24 Pin DIP & SMT Package 2:1 Wide Input Voltage Range
More results

Similar Description - LANK4815W3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Power Mate Technology C...
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
logo
Pasternack Enterprises,...
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
   Medium Power 50 Watts RF Load Up To 4 GHz
logo
Power Mate Technology C...
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com