Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST26C31 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST26C31
Description  CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31 Datasheet(HTML) 4 Page - STMicroelectronics

  ST26C31 Datasheet HTML 1Page - STMicroelectronics ST26C31 Datasheet HTML 2Page - STMicroelectronics ST26C31 Datasheet HTML 3Page - STMicroelectronics ST26C31 Datasheet HTML 4Page - STMicroelectronics ST26C31 Datasheet HTML 5Page - STMicroelectronics ST26C31 Datasheet HTML 6Page - STMicroelectronics ST26C31 Datasheet HTML 7Page - STMicroelectronics ST26C31 Datasheet HTML 8Page - STMicroelectronics ST26C31 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ST26C31
4/10
ELECTRICAL CHARACTERISTICS (VCC =5V ± 10%, unless otherwise specified, See Note 1)
Note 1: Unless otherwise specified, min/max limits apply across the recommended operating temperature range. All typical are given for VCC
=5V and Ta = 25°C
Note 2: See EIA Specification RS422 for exact test conditions.
Note 3: Measured per pin input. All other input at VCC or GND.
Note 4: This is the current sourced when a high output is shorted to ground. Only one output at time should be shorted.
SWITCHING CHARACTERISTICS (VCC =5V ± 10%, tr =tf ≤ 6ns, See Note 1)
Note 1: Unless otherwise specified, min/max limits apply across the recommended operating temperature range. All typical are given for
VCC=5V and Ta = 25°C
Note 2: Skewis defined as the difference in propagation delays between complementary outputs at the 50% point.
Note 3: Output disable time is the delay from the control input being switched to the output transistors tuming off. The actual disable times
are less than indicated due to the delay added by RC time constant of the load.
Note 4: CPD determines the no load dynamic power consumption, PD =CPD V
2
CCf= ICCVCC, and the no load dynamic current consumption,
PD =CPD VCCf+ ICC
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
0.8
V
VOH
High Level Output Voltage
VIN =VIH or VIL,IOUT = -20mA
2.5
3.4
V
VOL
Low Level Output Voltage
VIN =VIH or VIL,IOUT = +20mA
0.3
0.5
V
VT
Differential Output Voltage
RL =100 Ω (Note 2)
2
3.1
V
VT-VT
Difference in Differential
Output Voltage
RL =100 Ω (Note 2)
0.4
V
VOS
Common Mode Output
Voltage
RL =100 Ω (Note 2)
1.8
3
V
VOS-
VOS
Difference in Common
Mode Output Voltage
RL =100 Ω (Note 2)
0.4
V
IIN
Input Current
VIN =VCC, GND, VIH or VIL
±1
µA
ICC
Quiescent Supply Current
(Note 2)
IOUT =0 µA
VIN =VCC or GND
200
500
µA
VIN = 2.4 or 0.5 V (Note 3)
0.8
2
mA
IOZ
3-STATE Output Leakage
Current
VOUT =VCC or GND
ENABLE = VIL
ENABLE =VIH
±0.5
±5
µA
ISC
Output Short Circuit Current VIN =VCC or GND (Notes 2, 4)
-30
-150
mA
IOFF
Power Off Output Leakage
Current (Note 2)
VCC =0 V
VOUT = 6 V
100
µA
VOUT = -0.25 V
-100
µA
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
tPHL
Propagation Delay Input to
Output
S1 Open
2
6
11
ns
Skew
(Note 2)
S1 Open
0.5
2
ns
tTLH
tTHL
Differential Output Rise and
Fall Times
S1 Open
6
10
ns
tPZH
Output Enable Time
S1 Closed
11
19
ns
tPZL
Output Enable Time
S1 Closed
13
21
ns
tPHZ
Output Disable Time
(Note 3)
S1 Closed
5
9
ns
tPLZ
Output Disable Time
(Note 3)
S1 Closed
7
11
ns
CPD
Power Dissipation
Capacitance (Note 4)
50
pF
CIN
Input Capacitance
6
pF


Similar Part No. - ST26C31

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
180Kb / 15P
   CMOS quad tri-state differential line driver
ST26C31B STMICROELECTRONICS-ST26C31B Datasheet
625Kb / 15P
   CMOS quad 3-state differential line driver
ST26C31BDR STMICROELECTRONICS-ST26C31BDR Datasheet
180Kb / 15P
   CMOS quad tri-state differential line driver
ST26C31BDR STMICROELECTRONICS-ST26C31BDR Datasheet
625Kb / 15P
   CMOS quad 3-state differential line driver
ST26C31BN STMICROELECTRONICS-ST26C31BN Datasheet
180Kb / 15P
   CMOS quad tri-state differential line driver
More results

Similar Description - ST26C31

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
   CMOS Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31_06 Datasheet
180Kb / 15P
   CMOS quad tri-state differential line driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
[Old version datasheet]   DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
[Old version datasheet]   DS34C87T CMOS Quad TRI-STATE Differential Line Driver
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
   Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
   CMOS quad tri-state differential line receiver
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
   CMOS Qual TRI-STATE Differential Line Driver
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
   QUAD TRI-STATE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com