Electronic Components Datasheet Search |
|
768143562DPSP Datasheet(PDF) 5 Page - CTS Corporation |
|
768143562DPSP Datasheet(HTML) 5 Page - CTS Corporation |
5 / 5 page Page 5 of 5 January 2008 CTS Electronic Components Leaded Surface Mount Series 768 www.ctscorp.com Packaging Environmental Performance Specifications Test Max. % Delta R Mil. Std. 202 Method Test Cond. Test Description Thermal Cycling 0.25% 107 B 5 cycles, -65°C to +125°C Short Time Overload 0.25% 2 1/2 x rated voltage, 5 sec (100V Max.) Moisture Resistance 0.5% 106 240 hours, 0.1 rated load, -10°C to +65°C, 90% RH Load Humidity 1.0% 1000 hours, 0.1 rated load, 70°C, 85-92% RH High Temp Exposure 1.0% 240 hours, no load, @ 125°C Load Life 1.0% 108 F 2000 hours @ 70°C rated load Resistance to Solder Heat 0.25% 30 seconds @ 218°C, dwell Mechanical Shock 0.25% 213 I 100g, 1 msec., 3 shocks each plane Vibration 0.25% 204 D 20g, 10-2000Hz, 4 hours/plane Terminal Strength 0.25% 0.9 Kg. Pull, 30 sec., two 45° bends Low Temp Storage 0.25% 24 hours @ -65°C, no load Low Temp Operation 0.25% 45 min @ -65°C, full load Flammability N/A 94V-0 Non-Fungus Pass per MIL-STD 810C Resistance to Solvents Pass Isopropyl alcohol Solderability Pass RMA Flux, 230°C, 5 seconds dip, 95% coverage Tape & Reel 14P 16P 20P Tape width 24mm 24mm 24mm Tape pitch 12mm 12mm 12mm Reel diameter 13" 13" 13" #parts/reel 2000 2000 2000 Slide Packs Tube length 20" 20" 20" #parts/slide pac 48 43 35 |
Similar Part No. - 768143562DPSP |
|
Similar Description - 768143562DPSP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |