Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A6 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # 1A6
Description  1.0 AMP. SIBICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1A6 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  1A6 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1A6 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1A6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A6 PANJIT-1A6 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Leshan Radio Company
1A6 LRC-1A6 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Won-Top Electronics
1A6 WTE-1A6 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Diode Semiconductor Kor...
1A6 DSK-1A6 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Microdiode Electronics ...
1A6 CHENDA-1A6 Datasheet
648Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1A6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Bytes
1A1 BYTES-1A1 Datasheet
150Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Nanjing International G...
EM513 DGNJDZ-EM513 Datasheet
236Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Surge Components
1N4001 SURGE-1N4001 Datasheet
99Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Tiger Electronic Co.,Lt...
1N4007 TGS-1N4007 Datasheet
188Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1T1 TSC-1T1_10 Datasheet
516Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
UNIOHM CORPORATION
1A1 UNIOHM-1A1 Datasheet
65Kb / 2P
   1.0 AMP SILICON RECTIFIERS
1N4001S UNIOHM-1N4001S Datasheet
65Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Bytes
1N4001 BYTES-1N4001 Datasheet
150Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com