Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2L01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2L01
Description  DUAL VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2L01 Datasheet HTML 4Page - STMicroelectronics ST2L01 Datasheet HTML 5Page - STMicroelectronics ST2L01 Datasheet HTML 6Page - STMicroelectronics ST2L01 Datasheet HTML 7Page - STMicroelectronics ST2L01 Datasheet HTML 8Page - STMicroelectronics ST2L01 Datasheet HTML 9Page - STMicroelectronics ST2L01 Datasheet HTML 10Page - STMicroelectronics ST2L01 Datasheet HTML 11Page - STMicroelectronics ST2L01 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ST2L01
8/12
Figure 13 : Line Regulation vs Temperature
Figure 14 : Load Regulation vs Temperature
Figure 15 : Supply Voltage Rejection vs
Temperature
Figure 16 : Dropout Voltage vs Temperature
Figure 17 : Dropout Voltage vs Output Current
Figure 18 : Supply Voltage Rejection vs
Frequency


Similar Part No. - ST2L01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1500K5 STMICROELECTRONICS-ST2L05R1500K5 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1500PS STMICROELECTRONICS-ST2L05R1500PS Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1515K5 STMICROELECTRONICS-ST2L05R1515K5 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1515PS STMICROELECTRONICS-ST2L05R1515PS Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results

Similar Description - ST2L01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM325 NSC-LM325 Datasheet
222Kb / 8P
   Dual Voltage Regulator
logo
STMicroelectronics
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938ND013TR STMICROELECTRONICS-L4938ND013TR Datasheet
563Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
April 1999
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154_17 Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
STMicroelectronics
L4937NPD STMICROELECTRONICS-L4937NPD Datasheet
64Kb / 9P
   DUAL 5V MULTIFUNCTION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com