Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2L01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2L01
Description  DUAL VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L01 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2L01 Datasheet HTML 1Page - STMicroelectronics ST2L01 Datasheet HTML 2Page - STMicroelectronics ST2L01 Datasheet HTML 3Page - STMicroelectronics ST2L01 Datasheet HTML 4Page - STMicroelectronics ST2L01 Datasheet HTML 5Page - STMicroelectronics ST2L01 Datasheet HTML 6Page - STMicroelectronics ST2L01 Datasheet HTML 7Page - STMicroelectronics ST2L01 Datasheet HTML 8Page - STMicroelectronics ST2L01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2002
s
VOUT1 = +3.3V FIXED
s
VOUT2 = 1.25 TO 3.0V ADJUSTABLE
s
GUARANTEED OUTPUT1 CURRENT: 1A
s
GUARANTEED OUTPUT2 CURRENT: 1A
s
±2% OUTPUT TOLERANCE (AT 25°C)
s
TYPICAL DROPOUT 1.1V
(IOUT1 = IOUT2 =1A)
s
INTERNAL POWER AND THERMAL LIMIT
s
STABLE WITH LOW ESR OUTPUT
CAPACITOR
s
OPERATING TEMPERATURE RANGE:
0°C TO 125°C
s
AVAILABLE IN PPAK AND SPAK-5L
(PowerFlex
™) PACKAGE
DESCRIPTION
Specifically
designed
for
data
storage
applications, this device integrates two voltage
regulators, each one able to supply 1A. It is
assembled in PPAK and in a new surface
mounting package named SPAK (PowerFlex
™) at
5 pins. The first regulator block supply 3.3V to
power the Read Channel and Memory Chips
requiring this voltage. The second one is an
Adjustable output voltage from 1.25V to 3.0V that
could
power
several
kind
of
different
micro-controllers.
Both
outputs
are
current
limited
and
overtemperature protected.
The very good thermal performances of the
package SPAK with only 2°C/W of Thermal
Resistance Junction to Case is important to
underline.
ST2L01
DUAL VOLTAGE REGULATOR
Over current
Protection
Over current
Protection
Thermal
Protection
Err-Amp
Power Output
VREF2
Power Output
VREF1
RA
RB
Err-Amp
VOUT2
ADJ
GND
VOUT1
Over current
Protection
Over current
Protection
Thermal
Protection
Err-Amp
Power Output
VREF2
Power Output
VREF1
RA
RB
Err-Amp
VOUT2
ADJ
GND
VOUT1
SCHEMATIC DIAGRAM
SPAK-5L
(PowerFlex
)
PPAK


Similar Part No. - ST2L01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1500K5 STMICROELECTRONICS-ST2L05R1500K5 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1500PS STMICROELECTRONICS-ST2L05R1500PS Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1515K5 STMICROELECTRONICS-ST2L05R1515K5 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1515PS STMICROELECTRONICS-ST2L05R1515PS Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results

Similar Description - ST2L01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM325 NSC-LM325 Datasheet
222Kb / 8P
   Dual Voltage Regulator
logo
STMicroelectronics
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938ND013TR STMICROELECTRONICS-L4938ND013TR Datasheet
563Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
April 1999
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154_17 Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
STMicroelectronics
L4937NPD STMICROELECTRONICS-L4937NPD Datasheet
64Kb / 9P
   DUAL 5V MULTIFUNCTION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com