Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3222 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3222
Description  3 TO 3.6V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222 Datasheet(HTML) 6 Page - STMicroelectronics

  ST3222 Datasheet HTML 1Page - STMicroelectronics ST3222 Datasheet HTML 2Page - STMicroelectronics ST3222 Datasheet HTML 3Page - STMicroelectronics ST3222 Datasheet HTML 4Page - STMicroelectronics ST3222 Datasheet HTML 5Page - STMicroelectronics ST3222 Datasheet HTML 6Page - STMicroelectronics ST3222 Datasheet HTML 7Page - STMicroelectronics ST3222 Datasheet HTML 8Page - STMicroelectronics ST3222 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ST3222
6/9
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified Tj = 25°C)
Figure 1 : Driver Voltage Transfer Characteristics
for Trasmitter Inputs
Figure 2 : Driver Voltage Transfer Characteristics
for Receiver Inputs
Figure 3 : Output Current vs Output Low Voltage
Figure 4 : Output Current vs Output High Voltage


Similar Part No. - ST3222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
   3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3222BTR STMICROELECTRONICS-ST3222BTR Datasheet
616Kb / 13P
   3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3222C STMICROELECTRONICS-ST3222C Datasheet
616Kb / 13P
   3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3222CTR STMICROELECTRONICS-ST3222CTR Datasheet
616Kb / 13P
   3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - ST3222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232 STMICROELECTRONICS-ST3232 Datasheet
312Kb / 19P
   3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
   3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3232B STMICROELECTRONICS-ST3232B_08 Datasheet
760Kb / 18P
   3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232E STMICROELECTRONICS-ST3232E_06 Datasheet
382Kb / 20P
   짹15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
ST3222E STMICROELECTRONICS-ST3222E_06 Datasheet
520Kb / 18P
   짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com