Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER152 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # HER152
Description  1.5 AMPS. HIGH EFFICIENT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HER152 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  HER152 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HER152 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50*
NONINDUCTIVE
1*
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES:1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
10*
NONINDUCTIVE
FIG.1- REVERSE RECOVER TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2-MAXIMUM AVERAGE
FORWARD CURRENT DERATING
25
50
75
100 125 150 175
1.0
2.0
AMBIENT TEMPERATURE.(0C)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
0
0
FIG.5-MAXIMUM NON-REPETITIVE SURGE
CURRENT
1
2
5
10
20
50
100
80
60
50
40
30
20
10
0
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3-TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
Tj=25 C
0
Tj=100 C
0
FIG.4-TYPICAL FORWARD CHARACTERISTICS
.2
.4
.6
.8
1.0
1.2
1.4
10
1.0
0.1
0.01
0.001
FORWARD VOLTAGE.(V)
REVERSE VOLTAGE.(V)
HER151~HER155
HER156~HER158
1000
100
10
1.0
0.1
NUMBER OF CYCLES AT 60Hz
FIG.6-TYPICAL JUNCTION CHARACTERISTICS
.1
.5
1
2
5
10
20
50
100 200 500 800
175
150
125
100
75
50
25
0
RATING AND CHARACTERISTIC CURVES
HER151 THRU HER158


Similar Part No. - HER152

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER152 WTE-HER152 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Compact Technology Corp...
HER152 CTC-HER152 Datasheet
86Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER152 DGNJDZ-HER152 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER152 TSC-HER152 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
SAMYANG ELECTRONICS CO....
HER152 SAMYANG-HER152 Datasheet
511Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER152

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151 Datasheet
267Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Daya Electric Group Co....
HER151 DAYA-HER151 Datasheet
288Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
   1.5 AMPS. High Efficient Surface Mount Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
   1.5 AMPS High Efficient Surface Mount Rectifiers
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_1 Datasheet
267Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HS2AA TSC-HS2AA_11 Datasheet
135Kb / 2P
   1.5 AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com