Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3237 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST3237
Description  3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST3237 Datasheet HTML 6Page - STMicroelectronics ST3237 Datasheet HTML 7Page - STMicroelectronics ST3237 Datasheet HTML 8Page - STMicroelectronics ST3237 Datasheet HTML 9Page - STMicroelectronics ST3237 Datasheet HTML 10Page - STMicroelectronics ST3237 Datasheet HTML 11Page - STMicroelectronics ST3237 Datasheet HTML 12Page - STMicroelectronics ST3237 Datasheet HTML 13Page - STMicroelectronics ST3237 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical performance characteristics
ST3237
10/15
Figure 9.
Receiver input resistance
ZZZ


Similar Part No. - ST3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
600Kb / 15P
   짰5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
ST3237E STMICROELECTRONICS-ST3237E Datasheet
317Kb / 13P
   짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
ST3237EBD STMICROELECTRONICS-ST3237EBD Datasheet
600Kb / 15P
   짰5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
600Kb / 15P
   짰5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
295Kb / 17P
   짹 15KV ESD-protected, 1關A, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
More results

Similar Description - ST3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
600Kb / 15P
   짰5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
   짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
   짹 15KV ESD-protected, 1關A, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
STMicroelectronics
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Maxim Integrated Produc...
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
logo
STMicroelectronics
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com