Electronic Components Datasheet Search |
|
EMK31H2J-50.000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation |
|
EMK31H2J-50.000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation |
1 / 2 page MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE ECLIPTEK CORP. OSCILLATOR EMK31 PLASTIC 1.8V OS5K 11/07 EMK31 Series OSCILLATOR EMK31 ELECTRICAL SPECIFICATIONS 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. • MEMS First™ Resonator Technology • RoHS Compliant (Pb-Free) • 2.5mm x 3.2mm Surface Mount Package • LVHCMOS Output • 1.8V Supply Voltage • Stability to ±50ppm • 30,000 G Shock Resistance • Available on Tape & Reel • Tri-State and Power Down Options 1.000MHz to 125MHz -40°C to 85°C -55°C to 125°C 1.8V DC ±5% 15mA Maximum 18mA Maximum ±50ppm or ±100ppm Maximum 90% of V DD Minimum 10% of V DD Maximum 2nSeconds Maximum 50 ±5(%) 15pF HCMOS Load Maximum Tri-State or Power Down Enables Output Disables Output: High Impedance State for Tri-state, Logic Low for Power Down 50μA Maximum 500pSec Maximum, 200pSec Typical 250pSec Maximum, 100pSec Typical ±1ppm Maximum 50mSec Maximum Nominal Frequency Operating Temperature Range Storage Temperature Range Supply Voltage (V DD) Input Current Frequency Tolerance / Stability Output Voltage Logic High (V OH) Output Voltage Logic Low (V OL) Rise Time / Fall Time Duty Cycle Load Drive Capability Output Control Function Output Control Input Voltage Standby Current Peak to Peak Jitter (tPK) Aging Start Up Time < 25.000MHz > 25.000MHz Inclusive of All Conditions: Calibration Tolerance at 25°C , Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, 1st Year Aging at 25°C, 260°C Reflow, Shock, and Vibration I OH = -8mA I OL = +8mA 20% to 80% of waveform at 50% of waveform V IH of 70% of VDD Minimum or No Connection V IL of 30% of VDD Maximum 1.000MHz to 12.287999MHz 12.288MHz to 125.000MHz First Year at 25°C H 0.85 L 3.2 W 2.5 |
Similar Part No. - EMK31H2J-50.000MTR |
|
Similar Description - EMK31H2J-50.000MTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |