Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA24A Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SA24A
Description  SILICON BIDIRECTIONAL DIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA24A Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SA24A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA24A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA24A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA24A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA5.0 THRU SA170A
Features
*500W Peak pulse power capability
*Excellent clamping capability
*Low incremental surge resistance
*Fast response time:Typically less than 1.0ps from 0v to
VBR for unidirection and 5.0 ns for bidirectional types.
Mechanical Data
*Cases:Molded plastic
*Epoxy:UL94V-0 rate flame retardant
*Lead:Axial leads,solderable per MIL- STD-202,
Method 208 guaranteed
*Polarity:Color band denotes cathode except Bipolar
*Mounting position:Any
*Weight:0.40 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Peak Power Dissipation (Note 1)
Peak Pulse reverse current (Note 1)
Steady State Power Dissipation (Note 2)
Peak Forward Surge Current (Note 3)
Maximum Instaneous Forward Voltage at
50.0A for Unidirectional Only
Operating and Storage Temperature Range
NOTES: 1. 10/1000us waveform Non-repetitive Current Pulse Per Fig.3 and Derated above TA=25oC Per Fig.2.
2.T1=75oC,lead lengths 9.5mm, Mounted on Copper Pad Area of (40 x40 mm) Fig.5
3.Measured on 8.3ms Single Half Sine-Wave or Equivalent Square Wave,Duty Cycle=4 Pulses Per Minute Maximun.
Devices for Bipolar Applications
1.For Bidirectional Use C or CA Suffix for Types SA5.0 thru types SA170 (e.g.SA5.0C,SA170CA)
2.Electrical Characteristics Apply in Both Directions.
Value
Units
PPPM
IPPM
PM(AV)
IFSM
VF
TJ,TSTG
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.140(3.6)
.104(2.6)
DIA.
Dimensions in inches and (millimeters)
.034(.9)
.028(.7)
DIA.
Minimun 500
See Table
1.0
70
3.5
-55~+175
W
A
W
A
V
0
C


Similar Part No. - SA24A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SA24A TSC-SA24A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Motorola, Inc
SA24A MOTOROLA-SA24A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA24A LEIDITECH-SA24A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Socay Electornics Co., ...
SA24A SOCAY-SA24A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SA24A LITTELFUSE-SA24A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
More results

Similar Description - SA24A

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
   SILICON BIDIRECTIONAL DIACS
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
   Silicon Bidirectional Diacs
logo
Diode Semiconductor Kor...
DB3M DSK-DB3M Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
LLDB3 DSK-LLDB3 Datasheet
481Kb / 2P
   SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com