Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK31G2J-50000MTR Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EMK31G2J-50000MTR
Description  OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EMK31G2J-50000MTR Datasheet(HTML) 1 Page - Ecliptek Corporation

  EMK31G2J-50000MTR Datasheet HTML 1Page - Ecliptek Corporation EMK31G2J-50000MTR Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EMK31
PLASTIC
1.8V
OS5K
11/07
EMK31 Series
OSCILLATOR
EMK31
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
• MEMS First™ Resonator Technology
• RoHS Compliant (Pb-Free)
• 2.5mm x 3.2mm Surface Mount Package
• LVHCMOS Output
• 1.8V Supply Voltage
• Stability to ±50ppm
• 30,000 G Shock Resistance
• Available on Tape & Reel
• Tri-State and Power Down Options
1.000MHz to 125MHz
-40°C to 85°C
-55°C to 125°C
1.8V
DC ±5%
15mA Maximum
18mA Maximum
±50ppm or ±100ppm Maximum
90% of V
DD Minimum
10% of V
DD Maximum
2nSeconds Maximum
50 ±5(%)
15pF HCMOS Load Maximum
Tri-State or Power Down
Enables Output
Disables Output: High Impedance State
for Tri-state, Logic Low for Power Down
50μA Maximum
500pSec Maximum, 200pSec Typical
250pSec Maximum, 100pSec Typical
±1ppm Maximum
50mSec Maximum
Nominal Frequency
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
DD)
Input Current
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Output Control Function
Output Control Input Voltage
Standby Current
Peak to Peak Jitter (tPK)
Aging
Start Up Time
< 25.000MHz
> 25.000MHz
Inclusive of All Conditions: Calibration Tolerance at 25°C ,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, 1st Year
Aging at 25°C, 260°C Reflow, Shock, and Vibration
I
OH = -8mA
I
OL = +8mA
20% to 80% of waveform
at 50% of waveform
V
IH of 70% of VDD Minimum or No Connection
V
IL of 30% of VDD Maximum
1.000MHz to 12.287999MHz
12.288MHz to 125.000MHz
First Year at 25°C
H
0.85
L
3.2
W
2.5


Similar Part No. - EMK31G2J-50000MTR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK316AB7105KA-T TAIYO-YUDEN-EMK316AB7105KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EMK316AB7106KL-T TAIYO-YUDEN-EMK316AB7106KL-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK316AB7106KL8T TAIYO-YUDEN-EMK316AB7106KL8T Datasheet
506Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
EMK316AB7106KLHT TAIYO-YUDEN-EMK316AB7106KLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK316AB7106ML-T TAIYO-YUDEN-EMK316AB7106ML-T Datasheet
313Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - EMK31G2J-50000MTR

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com