Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV12S24-150 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LV12S24-150
Description  Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LV12S24-150 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LV12S24-150 Datasheet HTML 1Page - Wall Industries,Inc. LV12S24-150 Datasheet HTML 2Page - Wall Industries,Inc. LV12S24-150 Datasheet HTML 3Page - Wall Industries,Inc. LV12S24-150 Datasheet HTML 4Page - Wall Industries,Inc. LV12S24-150 Datasheet HTML 5Page - Wall Industries,Inc. LV12S24-150 Datasheet HTML 6Page - Wall Industries,Inc. LV12S24-150 Datasheet HTML 7Page - Wall Industries,Inc. LV12S24-150 Datasheet HTML 8Page - Wall Industries,Inc. LV12S24-150 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TECHNICAL DATASHEET
Rev. D
LV12S24-150
(888) 597-WALL
www.wallindustries.com
Page 3 of 15
Table 1: Pin Assignments
Pin #
Pin Name
Function
Comments
1
-Vo
Negative Output
2
-RS
Negative Remote Sense
If not used, leave open or short to -Vo
3
Trim
Output Voltage Trim
Refer to page 6
4
+RS
Positive Remote Sense
If not used, leave open or short to +Vo
5
+Vo
Positive Output
6
-Vin
Negative Input
7
CHGND
Chassis Ground (Case)
If not used, leave open
8
Key Pin/NC
To Key Converter
Leave as a No Connect pin
9
ON/OFF
Remote On/Off
If not used, leave floating for Active High Unit
If not used, short to –Vin on an Active Low Unit
10
+Vin
Positive Input
Figure 1: Mechanical Dimensions
NOTES:
1. PIN TO PIN TOLERANCE ± .01 [±0.3],
PIN DIAMETER TOLERANCE: ±.005 [±0.13].
2. CASE MATERIAL: .040 [1.02] THICK, ALUMINUM ALLOY 3003-0,
PER: QQA 250/2.
3. UNLESS OTHERWISE SPECIFIED.
TO ORDER:
4. UNIT COMES WITH EITHER 3M x 0.5 THREADED THRU
INSERTS OR FOR Ø.125 THRU-HOLE ADD: “TH” SUFFIX TO
MODEL PART NUMBER.
EXAMPLE: LV12S15-100TH
5. CONSULT FACTORY FOR OPTIONAL HEAT SINK.


Similar Part No. - LV12S24-150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LV12S24-150 WALL-LV12S24-150 Datasheet
266Kb / 4P
   50-200 Watts
More results

Similar Description - LV12S24-150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LV12S28-150 WALL-LV12S28-150 Datasheet
443Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package
LV12S5-100 WALL-LV12S5-100 Datasheet
447Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package
LV12S20-100 WALL-LV12S20-100 Datasheet
430Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 20Vdc Output at 5A Half-Brick Package
LV12S26-150 WALL-LV12S26-150 Datasheet
454Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package
LV12S12-150 WALL-LV12S12-150 Datasheet
532Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package
LV12S15-150 WALL-LV12S15-150 Datasheet
492Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 15Vdc Output at 10A Half-Brick Package
SPW48S24-100 WALL-SPW48S24-100 Datasheet
470Kb / 13P
   100W DC-DC Converter 18-75 Vdc Input 24Vdc Output at 4.16A Half-Brick Package
MPQ24S5-50B WALL-MPQ24S5-50B Datasheet
795Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package
MPQ24S24-50 WALL-MPQ24S24-50 Datasheet
764Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package
MPQ24S48-50 WALL-MPQ24S48-50 Datasheet
809Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com