Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3243 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST3243
Description  3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST3243 Datasheet HTML 3Page - STMicroelectronics ST3243 Datasheet HTML 4Page - STMicroelectronics ST3243 Datasheet HTML 5Page - STMicroelectronics ST3243 Datasheet HTML 6Page - STMicroelectronics ST3243 Datasheet HTML 7Page - STMicroelectronics ST3243 Datasheet HTML 8Page - STMicroelectronics ST3243 Datasheet HTML 9Page - STMicroelectronics ST3243 Datasheet HTML 10Page - STMicroelectronics ST3243 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ST3243
11/11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
© http://www.st.com


Similar Part No. - ST3243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243 STMICROELECTRONICS-ST3243 Datasheet
255Kb / 14P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3243 STMICROELECTRONICS-ST3243 Datasheet
316Kb / 20P
   3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
ST3243B STMICROELECTRONICS-ST3243B Datasheet
724Kb / 22P
   3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
ST3243BD STMICROELECTRONICS-ST3243BD Datasheet
255Kb / 14P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3243BDR STMICROELECTRONICS-ST3243BDR Datasheet
255Kb / 14P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
More results

Similar Description - ST3243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3243 STMICROELECTRONICS-ST3243_06 Datasheet
316Kb / 20P
   3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
ST3243E STMICROELECTRONICS-ST3243E Datasheet
300Kb / 18P
   짹15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3241E STMICROELECTRONICS-ST3241E_06 Datasheet
261Kb / 17P
   짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
ST3241E STMICROELECTRONICS-ST3241E Datasheet
208Kb / 13P
   짰5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
STLV3243E STMICROELECTRONICS-STLV3243E Datasheet
480Kb / 13P
   짹15KV ESD PROTECTED 2.3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
STMicroelectronics
ST3232 STMICROELECTRONICS-ST3232 Datasheet
312Kb / 19P
   3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
ST3237 STMICROELECTRONICS-ST3237 Datasheet
247Kb / 15P
   3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
logo
Intersil Corporation
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com