Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM682FV16AS-45L Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM682FV16AS-45L
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM682FV16AS-45L Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM682FV16AS-45L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM682FV16AS-45L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM682FV16AS-45L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM682FV16AS-45L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM682FV16AS-45L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM682FV16AS-45L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM682FV16AS-45L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM682FV16AS-45L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM682FV16AS-45L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM620FV16B Series
Low Power, 128Kx16 SRAM
3
FUNCTIONAL SPECIFICATIONS
There are 3 classifications for EMLSI die and wafers products, which are C1 and C2 for die and W1 and W2 for wafer, respectively.
Each die and wafer support dedicated characteristics and probe the electrical parameters within their specifications. Followings are
brief information for die and wafer classifications. Please refer to packaged specifications for more information but these parameters
are not guaranteed at bare die and wafer.
− C1 LEVEL DIE OR W1 LEVEL WAFER
The DC parameters are measured by specification for C1 level die or W1 level wafer. The DC parameters measured at 70
°C tem-
perature, which called ‘Hot DC Sorting’ Other parameters are not guaranteed and warranted including device reliability. Please refer
to qualification report for device reliability and package level datasheets for electrical parameters.
− C2 LEVEL DIE OR W2 LEVEL WAFER
The DC parameters and selected AC parameters are measured with for C2 level die or W2 level wafer. The DC characteristics of C2
die and W2 wafer is tested based on DC specifications of C1 level die and W1 level wafer. The DC and specified AC parameters are
tested at 70
°C temperature, which called ‘Hot DC & Selective AC Sorting’. Other parameters are not guaranteed and warranted
including device reliability. Please refer to qualification report for device reliability and package level datasheets for electrical param-
eters.
C2 level die and W2 level wafer probe following AC parameter.
− tRC, tAA, tCO
− tWC, tCW
PACKAGING
Individual device will be packed in anti-static trays.
− Chip Trays : A 2-inch square waffle style carrier for die with separate compartments for each die. Commonly referred to as a waffle
pack, each tray has a cavity size selected for the device that allows for easy loading and unloading and prevents
rotation. The tray itself is made of conductive material to reduce the danger of damage to the die from electrostatic
discharge. The chip carriers will be labeled with the following information :
− EMLSI wafer lot number
− EMLSI part number
− Quantity
− Jar Packing : Jar packing is made by EMLSI and used by many customers that we deliver the requested die as wafer. The pack is
consisted of clean paper to wrap the wafer, high cushioned sponge between wafers and hardly fragile plastic box with sponge. Each
pack has typically 24 wafers and then several packs are put into larger box depending on amounts of wafers.
STORAGE AND HANDLING
EMLSI recommends the die stored in a controlled environment with filtered nitrogen. The carrier must be opened at ESD safe
environment when inspection and assembly.
Bond Pad #1 at Top
Die orientation in chip carriers


Similar Part No. - EM682FV16AS-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM682FR16ES-45LF EMLSI-EM682FR16ES-45LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM682FR16ES-45S EMLSI-EM682FR16ES-45S Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM682FR16ES-55LF EMLSI-EM682FR16ES-55LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM682FR16ES-55S EMLSI-EM682FR16ES-55S Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM682FR16EU-45LF EMLSI-EM682FR16EU-45LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM682FV16AS-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com