Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPO-SC-340C15A82N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFPO-SC-340C15A82N
Description  Hi-Reliable OCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPO-SC-340C15A82N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFPO-SC-340C15A82N Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPO-SC-340C15A82N Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPO-SC-340C15A82N Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Specification
Operating
Temperature
Range
Stability
within
Temperature
Range
pk to pk
Long Term Stability
(after frequency recovery)
Frequency
Stability Vs
Supply Voltage
Change (±5%)
and Load
Change
(50
Ω±10%)
Cumulated
Over
Lifetime
(all causes)
Reference
Voltages
Standard
Package type
(max height)
Model
Number
Per Day Per Month Per Year Over 15 Years
-20 to 70°C
<1x10-10
<±2x10-11 <±6x10-10
<±5x10-9
<±1.5x10-8
<±5x10-11
<±1.6x10-8
8.0V±0.3V
(50B) 38mm
CFPO-SC-1
<2x10-10
<±5x10-11 <±1.5x10-9 <±1.2x10-8
<±3.5x10-8
<±1x10-10
<±5.0x10-8
8.2V±0.3V
Option 5 or 6.2V
(50) 25mm
CFPO-SC-2
<5x10-10
<±1x10-10
<3x10-9
<±1.5x10-8
<±5x10-8
<±2x10-10
<±7.0x10-8
8.2V±0.3V
Option 5 or 6.2V
(51) 25mm
CFPO-SC-3
<1x10-9
<±2x10-10
<5x10-9
<±3x10-8
<±9x10-8
<±5x10-10
<±1.0x10-7
8.0V±0.3V
(40) 20mm
CFPO-SC-4
Ordering Example
CFPO-SC-1
50B
S
12
A
8.0
10.0MHz
Model Number
Package Outline 50B : 50 : 51 : 40 (see above table)
Output Signal (S) (Sine is standard) (C) (Optional HCMOS)
Supply Voltage (12) (15) (12V is standard)
Oven Alarm Option (A)
Reference Voltage 8.0, 8.2, 5.0, 6.2 (+ Optional: N = No reference voltage)
Frequency (MHz)
For non standard options such as different temperature ranges, negative slope EFC, cold start-up then please contact our
sales office.
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990


Similar Part No. - CFPO-SC-340C15A82N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFPO-20 ETC2-CFPO-20 Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-20SXALF ETC2-CFPO-20SXALF Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-21 ETC2-CFPO-21 Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-21SXALF ETC2-CFPO-21SXALF Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-22 ETC2-CFPO-22 Datasheet
62Kb / 3P
   high stability crystal oscillators
More results

Similar Description - CFPO-SC-340C15A82N

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
   OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
   OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
   OCXO
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
OX6536A RALTRON-OX6536A Datasheet
45Kb / 2P
   OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
   OCXO
logo
Vectron International, ...
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
   OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
   OCXO
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com