Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQC-3FF012-1ZS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JQC-3FF012-1ZS
Description  SUBMINIATURE POWER RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JQC-3FF012-1ZS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JQC-3FF012-1ZS Datasheet HTML 1Page - List of Unclassifed Manufacturers JQC-3FF012-1ZS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HONGMEI
RELAY
SUBMINIATURE POWER
RELAYS
Single-Pole , 10Amp , PC Board
JQC - 3FF
• UL / CUR File No.E170653
• TUV Certificate No. R 2034012
• CQC CQC 03001002865
• SPST-NO & DPDT configuration
• Standard PC layout
• Sealed version available
nCONTACT DATA
n characteristics
Arrangement
1 Form A
1 Form C
Initial Insulation Resistance
100 MΩ 500VDC
Initial Contact Resistance
Max. (at 1A 24 VDC)
100m Ω
100m Ω
Dielectric Strength
Between coil and Contacts
1500Vrms 1 minute
Contact Material
Silver Alloy
Silver Alloy
Between open contacts
750Vrms 1 minute
Contact Rating (Res. Load) 15A
125VAC
10A
277VAC/24VDC
Max. switching voltage
250VAC/30VDC
250VAC/30VDC
Surge Voltage between
Contacts and coil
No
Max. switching current
15A
Operate time (at nomi. Vot.)
10ms
Max. switching power
2770VA 240W
2770VA 240W
Release time (at nomi. Vot.)
5ms
Temperature rise
(at nominal voltage)
60℃
Functional
98m/s
2
(10g)
Shock
Resistance
Destructive
980m/s
2
(100g)
UL/CUR rating
TUV rating
15A 125VAC
10A 277VAC
12A 120VAC
TV-5 120VAC
12A 125VAC
10A 120VAC
10A 277VAC
5A 250VAC
Vibration Resistance
1.5mm 10 to 55Hz
Mechanical
1X10
7
OPS
1X10
7
OPS
Humidity
35% to 85% RH
1X10
5 OPS
1X10
5 OPS
Ambient temperature
-40℃ to 70℃
Expected
Life min.
operations
Electrical
Termination
PC
COIL
Unit weight
10g
Nominal coil power
360mW
360mW
Construction
Sealed & Unsealed
Coil Specifications
Nominal
Voltage
VDC
Pick-up
Voltage
VDC
Drop-out
Voltage
VDC
Max. allowable
Voltage
( at 20
°C )
Coil
Resistance
Tolerance:
± 10%
5
3.8
0.5
6.0
70
6
4.5
0.6
7.2
100
9
6.8
0.9
10.8
225
12
9.0
1.2
14.4
400
18
13.5
1.8
21.6
900
24
18.0
2.4
28.8
1600
48
36.0
4.8
57.6
6400


Similar Part No. - JQC-3FF012-1ZS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQC-3FF-S-H ETC-JQC-3FF-S-H Datasheet
212Kb / 2P
   PCB JQC-T73
JQC-3FF-S-Z ETC-JQC-3FF-S-Z Datasheet
212Kb / 2P
   PCB JQC-T73
More results

Similar Description - JQC-3FF012-1ZS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM4100F ETC1-HM4100F Datasheet
86Kb / 2P
   Subminiature power relays
logo
Nais(Matsushita Electri...
HA1-AC115 NAIS-HA1-AC115 Datasheet
60Kb / 3P
   COST SAVING SUBMINIATURE PC BOARD RELAYS
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
Omron Electronics LLC
G7Z OMRON-G7Z Datasheet
353Kb / 10P
   Power Relays
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ954 ETC-AZ954 Datasheet
51Kb / 2P
   SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ954 ZETTLER-AZ954 Datasheet
47Kb / 2P
   SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF41FI HONGFA-HF41FI Datasheet
179Kb / 6P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com