Part Name
         Description
MPQ24S48-50

 50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package ( 11 Page)


WALL
100% 
Zoom Out Zoom In
 6 page
background image
TECHNICAL DATASHEET
WALL INDUSTRIES, INC.
Rev. B
MPQ24S48-50
Graph 1: MPQ24S48-50 Efficiency vs. Output Current
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Io (A)
Vin=12V
Vin=20V
Vin=28V
Vin=36V
Graph 2: MPQ24S48-50 Max Ambient vs. Io
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-40
-30
-20
-10
0
1020
3040
5060
708
Ambient (°C)
0
Vin=12-28V (200LFM)
Vin=12-28V (100LFM) & 29-36V (200LFM)
Vin=10-16V (No Air) & 29-36V (100LFM)
Vin=17-23V (No Air)
Vin=24-30V (No Air)
Vin=30-36V (No Air)
Note 3: When trimming output high, Io vs. Ambient is derated by power. ie: from Graph 2, find the maximum current at the desired
ambient and airflow, and multiply this current by the nominal voltage to get the maximum power. Divide this power by the desired
trimmed high voltage to get the maximum current at that ambient. When trimming low, the maximum current stays the same as shown in
Graph 2.
(888) 597-WALL
www.wallindustries.com
Page 6 of 11
1  2  3  4  5  6  7  8  9  10  11 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPQ24S5-50B50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
MPQ24S24-5050 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S5-100Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S12-150Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S15-150Low Voltage DC-DC Converter 10-36 Vdc Input 15Vdc Output at 10A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S20-100Low Voltage DC-DC Converter 10-36 Vdc Input 20Vdc Output at 5A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S24-150Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S26-150Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LV12S28-150Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package 1 2 3 4 5 MoreWall Industries,Inc.
LANC1205DW8DC/DC Converter 9-18 VDC Input ±5.0 VDC Output at ±0.8A 1 2 3 4 5 MoreWall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl