Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1K2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PS1K2
Description  1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PS1K2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PS1K2 Datasheet HTML 1Page - Wall Industries,Inc. PS1K2 Datasheet HTML 2Page - Wall Industries,Inc. PS1K2 Datasheet HTML 3Page - Wall Industries,Inc. PS1K2 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PS1K2 Series
1200 Watt Single Output
PFC and Current Sharing
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Output Voltage
Output Current
Maximum Output Power
Ripple & Noise
Efficiency
PS1K2S-P005
5 VDC
200.0A
1000W
1%
78%
PS1K2S-P009
9 VDC
133.3A
1200W
1%
83%
PS1K2S-P012
12 VDC
100.0A
1200W
1%
84%
PS1K2S-P015
15 VDC
80.0A
1200W
1%
85%
PS1K2S-P018
18 VDC
66.6A
1200W
1%
85%
PS1K2S-P024
24 VDC
50.0A
1200W
1%
88%
PS1K2S-P036
36 VDC
33.3A
1200W
1%
88%
PS1K2S-P048
48 VDC
25.0A
1200W
1%
89%
PS1K2S-P060
60 VDC
20.0A
1200W
1%
90%
NOTES
1. Input voltage is 90 ~ 260VAC however, the unit does not reach full power until >170VAC. See derating curve below.
2. Dimensions of the mechanical drawing are shown in millimeters and inches.
3. Weight of the unit is 4500 grams.
DERATING CURVES


Similar Part No. - PS1K2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2U-P009 WALL-PS1K2U-P009 Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2U-P012 WALL-PS1K2U-P012 Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2U-P015 WALL-PS1K2U-P015 Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2U-P018 WALL-PS1K2U-P018 Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
More results

Similar Description - PS1K2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS600 WALL-PS600 Datasheet
157Kb / 4P
   600 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5U WALL-PS1K5U Datasheet
165Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS800 WALL-PS800 Datasheet
156Kb / 4P
   800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
PS2K4 WALL-PS2K4 Datasheet
171Kb / 4P
   With PFC 2400 Watt Single Output AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com