Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA85 Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # SA85
Description  SILICON BIDIRECTIONAL DIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA85 Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  SA85 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA85 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA85 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA85 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=250C unless otherwise noted)
Breakdown Voltage
V(BR) (Note1)
Volts
Min
Max
Device
Type
Test
Current
IT
(mA)
Stant-off
voltage
VWM
(Volts)
Maximun
Peak Pulse
Current
IPPM(Note2)
Amps
Maximun
Temperature
Coefficient
of VBR
MV / 0C
Maximun
Clamping
Voltage at IPPM
Vc
Volts
Maximun
Reverse Leakage
at VWM
ID(Note3)
uA
7.30
7.00
8.15
7.37
8.82
7.98
9.51
8.60
10.2
9.21
10.9
9.83
11.5
10.4
12.2
11.1
13.6
12.3
14.9
13.5
16.3
14.7
17.6
15.9
19.1
17.2
20.4
18.5
21.8
19.7
23.1
20.9
24.4
22.1
27.1
24.5
29.8
26.9
32.6
29.5
35.3
31.6
38.0
34.4
40.7
36.8
44.9
40.6
10.0
10.0
10.0
10.0
10.0
10.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.0
5.0
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
15.0
15.0
16.0
16.0
17.0
17.0
18.0
18.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
600
600
600
600
400
400
150
150
50
50
25
25
10
10
5.0
5.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
54.0
57.0
46.0
50.0
42.0
46.0
39.0
43.0
36.0
40.0
35.0
38.0
33.0
36.0
31.0
34.0
27.0
30.0
26.0
28.0
23.0
26.0
22.0
24.0
20.3
22.6
19.5
21.0
18.0
20.0
17.0
19.0
16.3
17.9
14.0
16.0
13.0
14.7
12.0
13.4
11.0
12.4
10.0
11.5
9.8
10.8
8.8
9.8
9.60
9.20
11.4
10.3
12.3
11.2
13.3
12.0
14.3
12.9
15.0
13.6
15.9
14.4
16.9
15.4
18.8
17.0
20.1
18.2
22.0
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26.0
30.5
27.6
32.2
29.2
35.8
32.4
39.4
35.6
43.0
38.9
46.6
42.1
50.1
45.4
53.5
48.4
59.0
53.3
5.0
5.0
5.0
5.0
5.0
5.0
6.0
6.0
7.0
7.0
7.0
7.0
8.0
8.0
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
16.0
16.0
19.0
17.0
20.0
19.0
21.0
20.0
25.0
23.0
28.0
25.0
31.0
28.0
31.0
30.0
35.0
31.0
39.0
36.0
42.0
39.0
SA5.0
SA5.0A
SA6.0
SA6.0A
SA6.5
SA6.5A
SA7.0
SA7.0A
SA7.5
SA7.5A
SA8.0
SA8.0A
SA8.5
SA8.5A
SA9.0
SA9.0A
SA10
SA10A
SA11
SA11A
SA12
SA12A
SA13
SA13A
SA14
SA14A
SA15
SA15A
SA16
SA16A
SA17
SA17A
SA18
SA18A
SA20
SA20A
SA22
SA22A
SA24
SA24A
SA26
SA26A
SA28
SA28A
SA30
SA30A
SA33
SA33A
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.0
10.0
11.1
11.1
12.2
12.2
13.3
13.3
14.4
14.4
15.6
15.6
16.7
16.7
17.8
17.8
18.9
18.9
20.0
20.0
22.2
22.2
24.4
24.4
26.7
26.7
28.9
28.9
31.1
31.1
33.3
33.3
36.7
36.7


Similar Part No. - SA85

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA85 YANGJIE-SA85 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA85 PANJIT-SA85 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA85 FCI-SA85 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA85 LUGUANG-SA85 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
RFE international
SA85 RFE-SA85 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Similar Description - SA85

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
   SILICON BIDIRECTIONAL DIACS
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
   Silicon Bidirectional Diacs
logo
Diode Semiconductor Kor...
DB3M DSK-DB3M Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
LLDB3 DSK-LLDB3 Datasheet
481Kb / 2P
   SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com