Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1K5U-P015 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PS1K5U-P015
Description  1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PS1K5U-P015 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PS1K5U-P015 Datasheet HTML 1Page - Wall Industries,Inc. PS1K5U-P015 Datasheet HTML 2Page - Wall Industries,Inc. PS1K5U-P015 Datasheet HTML 3Page - Wall Industries,Inc. PS1K5U-P015 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PS1K5U Series
1500 Watt Single Output
PFC and Current Sharing
AC/DC Switching Power Supply
FEATURES
● Remote Sense
● Universal AC Input
● Power Failure Signal
● Remote ON/OFF Control
● 0.98 Typical Power Factor
● Programmable Output Voltage
● Forced Current Sharing at Parallel Operation
● 5 LED Indicators display AC, DC, OTP Status
● Short Circuit/ Over Load/ Over Voltage/ Over Temperature Protection
SPECIFICATIONS: PS1K5U Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 260VAC
Input Frequency
47 to 63Hz
Input Current
7.0A @ 230VAC Typical
Inrush Current
RESULT A: 84.0A (Typical)
Leakage Current
< 7.0mA at 240VAC
Remote ON/OFF Control
Compatible with a TTL signal to turn ON/OFF
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
1500 Watts max.
Output Voltage Adjustability
3% Typical adjustment by potentiometer
20% ~ 100% Adjustment by 1 ~ 5VDC external control.
Line Regulation
Less than 1%
Load Regulation
Less than 1%
Output Current
See Table
Ripple & Noise (peak to peak)
1% max
Setup, Rise, Hold-Up Time
RESULT A: 12.4ms
Temperature Coefficient
±0.04% / °C (0 ~ 50°C)
Remote Sense
Yes
PROTECTION
Over Voltage Protection
110% ~ 135% (variable “OVP” follows the adjustable DC output voltage)
Over Load Protection
Current limiting 3 times (1.5”, 3.0”, 5.0”) then intelligent auto recovery before shutdown.
GENERAL SPECIFICATIONS
Efficiency
See Table
Power Factor
0.98 (Typical)
Power Failure Signal
Open Drain of NPN Transistor
Parallel Operation
Yes
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
0°C to +50°C @ 100% Load, +65°C @ 50% Load.
Storage Temperature
-20°C to +85°C
Working Humidity
20% to 90% RH
Storage Humidity
10% to 95% RH
Vibration
10 ~ 200Hz, 2g 10 min./1cycle, Period of 60 min. for each axis.
Cooling
Power rating and temperature controlled fan.
PHYSICAL SPECIFICATIONS
Weight
3.75kg
Dimensions
279(L) x 203(W) x 63.5(H) mm
SAFETY & EMC
Safety Standards
UL1950, TUV EN60950
EMC Standards
EN55022, EN610000-4-2,3,4,5,6,8,11, EN61000-3-2,3, ENV50204


Similar Part No. - PS1K5U-P015

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5S-P009 WALL-PS1K5S-P009 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5S-P012 WALL-PS1K5S-P012 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5S-P015 WALL-PS1K5S-P015 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5S-P018 WALL-PS1K5S-P018 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
More results

Similar Description - PS1K5U-P015

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS600 WALL-PS600 Datasheet
157Kb / 4P
   600 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2 WALL-PS1K2 Datasheet
181Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS800 WALL-PS800 Datasheet
156Kb / 4P
   800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
   1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PS2K4 WALL-PS2K4 Datasheet
171Kb / 4P
   With PFC 2400 Watt Single Output AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com