Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

766147184DPTR Datasheet(PDF) 1 Page - CTS Corporation

Part # 766147184DPTR
Description  Leaded Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

766147184DPTR Datasheet(HTML) 1 Page - CTS Corporation

  766147184DPTR Datasheet HTML 1Page - CTS Corporation 766147184DPTR Datasheet HTML 2Page - CTS Corporation 766147184DPTR Datasheet HTML 3Page - CTS Corporation 766147184DPTR Datasheet HTML 4Page - CTS Corporation 766147184DPTR Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
February 2008
CTS Electronic Components
Leaded Surface Mount Series 766
www.ctscorp.com
Resistance Tolerance:
Resistance Range:
Standard: ±2% or 0.5Ω (whichever is greater)
Standard: 10Ω to 1 MegΩ
Special: ±0.25% or 0.3Ω (whichever is greater)
Operating Temperature Range:
Dielectric Strength:
-55°C to +125°C
100 VAC
Temperature Coefficient:
Maximum Operating Voltage:
Standard: 100Ω to 1 MegΩ
50V not to exceed rated power
100PPM/°C typical
10Ω to 99Ω
±200PPM/°C typical
Power Rating (Total Network Power):
14 Pin
16 Pin
@25°C
1.6w
1.8w
@70°C
1.0w
1.2w
Maximum Resistor Power:
(Not to Exceed Total Network Power)
Schematic
1
3
5
7
@25°C
0.12w
0.24w
0.12w
0.12w
@70°C
0.08w
0.16w
0.08w
0.08w
Features
• Narrow Body Design
• Solid Ceramic Construction
• No Internal Dendrite Growth
• Requires 30% Less Board Space Than Molded
Products of the Same Power Rating
• Meets EIA PDP SOGN-0001 Outline
• Packaged in Tape & Reel or Slide Packs
• Application Specific Circuits are Available
• Compatible With Reflow Solder Process
• RoHS Compliant
Leaded Surface Mount Series 766
Technical
Data


Similar Part No. - 766147184DPTR

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
766147DPTR13 CTS-766147DPTR13 Datasheet
99Kb / 4P
   Narrow Body Design
766147DPTR7 CTS-766147DPTR7 Datasheet
99Kb / 4P
   Narrow Body Design
766147FPTR13 CTS-766147FPTR13 Datasheet
99Kb / 4P
   Narrow Body Design
766147FPTR7 CTS-766147FPTR7 Datasheet
99Kb / 4P
   Narrow Body Design
766147GPTR13 CTS-766147GPTR13 Datasheet
99Kb / 4P
   Narrow Body Design
More results

Similar Description - 766147184DPTR

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768 CTS-768 Datasheet
147Kb / 5P
   Leaded Surface Mount
767 CTS-767 Datasheet
141Kb / 5P
   Leaded Surface Mount
logo
Rhombus Industries Inc.
L-15358 RHOMBUS-IND-L-15358 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15373 RHOMBUS-IND-L-15373 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15338 RHOMBUS-IND-L-15338 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15350 RHOMBUS-IND-L-15350 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15351 RHOMBUS-IND-L-15351 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15374 RHOMBUS-IND-L-15374 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15345 RHOMBUS-IND-L-15345 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com