Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3485E Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3485E
Description  3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3485E Datasheet HTML 5Page - STMicroelectronics ST3485E Datasheet HTML 6Page - STMicroelectronics ST3485E Datasheet HTML 7Page - STMicroelectronics ST3485E Datasheet HTML 8Page - STMicroelectronics ST3485E Datasheet HTML 9Page - STMicroelectronics ST3485E Datasheet HTML 10Page - STMicroelectronics ST3485E Datasheet HTML 11Page - STMicroelectronics ST3485E Datasheet HTML 12Page - STMicroelectronics ST3485E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ST3485E
9/16
Figure 10 : Drive Enable and Disable Times Test Circuit
Figure 11 : Drive Enable and Disable Times Waveforms
Figure 12 : Receiver Propagation Delay Time Test Circuit


Similar Part No. - ST3485E

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ST3485E UMW-ST3485E Datasheet
1Mb / 12P
   3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
More results

Similar Description - ST3485E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
STMicroelectronics
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
Rev 1 - April 2021
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com