Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT2020FF Datasheet(PDF) 11 Page - Micon Design Technology Corporation

Part # MDT2020FF
Description  8-bit micro-controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020FF Datasheet(HTML) 11 Page - Micon Design Technology Corporation

Back Button MDT2020FF Datasheet HTML 7Page - Micon Design Technology Corporation MDT2020FF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020FF Datasheet HTML 9Page - Micon Design Technology Corporation MDT2020FF Datasheet HTML 10Page - Micon Design Technology Corporation MDT2020FF Datasheet HTML 11Page - Micon Design Technology Corporation MDT2020FF Datasheet HTML 12Page - Micon Design Technology Corporation MDT2020FF Datasheet HTML 13Page - Micon Design Technology Corporation MDT2020FF Datasheet HTML 14Page - Micon Design Technology Corporation MDT2020FF Datasheet HTML 15Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MDT2020(FF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 10
2007/8
VER 1.5
(ii) OSC Type=LF (OSC1&OSC2 External Cap about 10P);
WDT-Disable﹔
PED=Disable
Voltage/Frequency
32 K
(Ext 100P)
455 K
(Ext50P)
1 M
Sleep
2.3 V
7.0
μA 2.6V@25.0 μA
40
.0
μA
<1.0
μA
3.0 V
15.0
μA
55.0
μA
75.0
μA
<1.0
μA
4.0 V
35.0
μA
95.0
μA
125.0
μA
<1.0
μA
5.0 V
75.0
μA
150.0
μA
190.0
μA
<1.0
μA
6.0 V
135.0
μA
225.0
μA
270.0
μA
<1.0
μA
(iii) OSC Type=XT (OSC1&OSC2 External Cap about 10P);
WDT-Enable﹔
PED=Disable
Voltage/Frequency
1 M
4 M
10 M
Sleep
2.1 V
50.0
μA
120.0
μA
290
μA
<1.0
μA
3.0 V
110.0
μA
240.0
μA
500
μA
3.0
μA
4.0 V
220.0
μA
410.0
μA
660
μA
6.0
μA
5.0 V
385.0
μA
600.0 µA
1.4 mA
11.0
μA
6.0 V
655.0
μA
860.0 µA
1.7 mA
17.0
μA
(iv) OSC Type=HF (OSC1&OSC2 External Cap about 10P);
WDT-Enable﹔
PED=Disable
Voltage/Frequency
4 M
10 M
20 M
Sleep
2.1 V
150.0
μA
320.0
μA
X
<1.0
μA
3.0 V
290.0
μA
560.0 µA
960.0 µA
3.0
μA
4.0 V
520.0
μA
920.0 µA
1.5 mA
6.0
μA
5.0 V
810.0
μA
1.5 mA
2.4 mA
11.0
μA
6.0 V
1.4 mA
2.0 mA
3.3 mA
17.0
μA


Similar Part No. - MDT2020FF

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT2020 MDTIC-MDT2020 Datasheet
108Kb / 16P
   8-bit micro-controller
MDT2020DF MDTIC-MDT2020DF Datasheet
108Kb / 16P
   8-bit micro-controller
More results

Similar Description - MDT2020FF

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com