Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

767141103DPTR Datasheet(PDF) 2 Page - CTS Corporation

Part # 767141103DPTR
Description  Leaded Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

767141103DPTR Datasheet(HTML) 2 Page - CTS Corporation

  767141103DPTR Datasheet HTML 1Page - CTS Corporation 767141103DPTR Datasheet HTML 2Page - CTS Corporation 767141103DPTR Datasheet HTML 3Page - CTS Corporation 767141103DPTR Datasheet HTML 4Page - CTS Corporation 767141103DPTR Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
January 2008
CTS Electronic Components
Leaded Surface Mount 767 Series
www.ctscorp.com
Types of Circuits
Bussed (Schematic 1)
Isolated (Schematic 3)
Dual Terminator (Schematic 5)
R/2R Ladder (Schematic 7)
Land Patterns
LEAD COUNT
A
B
C
D
mm
5.34
7.37
9.40
7.60
14P
in.
0.21
0.29
0.37
0.30
mm
5.34
7.37
9.40
8.90
16P
in.
0.21
0.29
0.37
0.35
"A" Dimension
No. of Pins
mm
in.
14
9.91 ±0.25
0.390 ±0.010
16
11.18 ±0.25
0.440 ±0.010
Notes
mm 0.10 MAX
1. Lead COPLANARITY
in. 0.004
mm ±0.25
General Tolerances
in. ±0.010
mm & in. DIMENSIONS ARE NOT EQUIVALENT
C
A
B
D
2.03
.080
1.27
.050
0.63
.025
TYP.
TYP.
TYP.
PART
NO.
DATE CODE
MODULES WILL BE
MARKED WITH A SQUARE
AT PIN #1 (TOP MARKING)
1.270
.050
.430±.050
.017±.002
.200
0°- 8°
+.050
-.030
.008 +.002
-.001
NOTE #1
TYP.
INSULATION COATING
APPLIED ON TWO SURFACES
A DIM.
5.590
.220
+.130
-.250
+.005
-.010
7.620
.300
2.160±.200
.085±.008
.760±.130
.030±.005
MAX. TYP.
1.350
.053
.810
.032
+.330
-.300
+.013
-.012
BELOW
SEATING
PLANE


Similar Part No. - 767141103DPTR

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
767141DPTR13 CTS-767141DPTR13 Datasheet
93Kb / 4P
   Medium Body Design
767141FPTR13 CTS-767141FPTR13 Datasheet
93Kb / 4P
   Medium Body Design
767141GPTR13 CTS-767141GPTR13 Datasheet
93Kb / 4P
   Medium Body Design
767141JPTR13 CTS-767141JPTR13 Datasheet
93Kb / 4P
   Medium Body Design
More results

Similar Description - 767141103DPTR

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768 CTS-768 Datasheet
147Kb / 5P
   Leaded Surface Mount
766 CTS-766 Datasheet
140Kb / 5P
   Leaded Surface Mount
logo
Rhombus Industries Inc.
L-15358 RHOMBUS-IND-L-15358 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15373 RHOMBUS-IND-L-15373 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15338 RHOMBUS-IND-L-15338 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15350 RHOMBUS-IND-L-15350 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15351 RHOMBUS-IND-L-15351 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15374 RHOMBUS-IND-L-15374 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15345 RHOMBUS-IND-L-15345 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com