Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT90P01 Datasheet(PDF) 3 Page - Micon Design Technology Corporation

Part # MDT90P01
Description  4-bit micro-controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT90P01 Datasheet(HTML) 3 Page - Micon Design Technology Corporation

  MDT90P01 Datasheet HTML 1Page - Micon Design Technology Corporation MDT90P01 Datasheet HTML 2Page - Micon Design Technology Corporation MDT90P01 Datasheet HTML 3Page - Micon Design Technology Corporation MDT90P01 Datasheet HTML 4Page - Micon Design Technology Corporation MDT90P01 Datasheet HTML 5Page - Micon Design Technology Corporation MDT90P01 Datasheet HTML 6Page - Micon Design Technology Corporation MDT90P01 Datasheet HTML 7Page - Micon Design Technology Corporation MDT90P01 Datasheet HTML 8Page - Micon Design Technology Corporation MDT90P01 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MDT90P01
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P. 3
2008/5 Ver. 1.0
7. Pin Function Description
Pin Name
I/O
Function Description
PB0
I/O
Port B, TTL input level .Can be software programmed for internal weak
pill-up and wake-up from SLEEP on pin change
PB1
I/O
Port B, TTL input level .Output is open drain type. Can be software
programmed for wake-up from SLEEP on pin change
PB2/RTCC
I/O
Real Time Clock/Counter, Schmitt Trigger input levels. .Output is open
drain type.
PB3
I/O
Port B, TTL input level . Can be software programmed for internal weak
pill-up and wake-up from SLEEP on pin change
Vdd
Power supply
Vss
Ground
8. Memory Map
(A) Register Map
Address
Description
BANK0
01
RTCCL
02
PCL
03
STATUSL
04
STATUSH
05
IODS
06
PORTB
07
RTCCH
08~1F
General purpose registers
(1) RTCCL (Real Time Counter/Counter Register) : R1
RTCCH (Real Time Counter/Counter Register) : R7


Similar Part No. - MDT90P01

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT90P01 MDTIC-MDT90P01 Datasheet
149Kb / 11P
   4-bit micro-controller
MDT90P01ST2611 MDTIC-MDT90P01ST2611 Datasheet
149Kb / 11P
   4-bit micro-controller
MDT90P01ST2612 MDTIC-MDT90P01ST2612 Datasheet
149Kb / 11P
   4-bit micro-controller
MDT90P01 MDTIC-MDT90P01_09 Datasheet
149Kb / 11P
   4-bit micro-controller
More results

Similar Description - MDT90P01

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT90P01 MDTIC-MDT90P01_09 Datasheet
149Kb / 11P
   4-bit micro-controller
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
ELAN Microelectronics C...
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com