Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT90P01ST2611 Datasheet(PDF) 8 Page - Micon Design Technology Corporation

Part # MDT90P01ST2611
Description  4-bit micro-controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT90P01ST2611 Datasheet(HTML) 8 Page - Micon Design Technology Corporation

Back Button MDT90P01ST2611 Datasheet HTML 3Page - Micon Design Technology Corporation MDT90P01ST2611 Datasheet HTML 4Page - Micon Design Technology Corporation MDT90P01ST2611 Datasheet HTML 5Page - Micon Design Technology Corporation MDT90P01ST2611 Datasheet HTML 6Page - Micon Design Technology Corporation MDT90P01ST2611 Datasheet HTML 7Page - Micon Design Technology Corporation MDT90P01ST2611 Datasheet HTML 8Page - Micon Design Technology Corporation MDT90P01ST2611 Datasheet HTML 9Page - Micon Design Technology Corporation MDT90P01ST2611 Datasheet HTML 10Page - Micon Design Technology Corporation MDT90P01ST2611 Datasheet HTML 11Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MDT90P01
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P. 8
2008/5 Ver. 1.0
10. Instruction Set :
Instruction Code
Mnemonic
Operands
Function
Operating
Status
100 0000 0000
NOP
No operation
None
100 0000 0001
CLRWT
Clear Watchdog timer
0→WT
TF, PF
100 0000 0010
SLEEP
Sleep mode
0→WT, stop OSC
TF, PF
100 0000 0011
TMODEL
Load W to TMRL register
W→TMRL
None
100 0000 0101
TMODEH
Load W to TMRH register
W→TMRH
None
100 1010 iiii
RTWI
Return,place immediate to W
Stack→PC , I→W
None
100 0000 0rrr
CPIO R
Control I/O port register
W→CPIO r
None
111 100r rrrr
STWR R
Store W to register
W→R
None
1t1 101r rrrr
LDR R, t
Load register
R→t
Z
100 1000 iiii
LDWI I
Load immediate to W
I→W
None
1t1 110r rrrr
ADDWR R, t
Add W and register
W + R→t
C, Z
1t1 111r rrrr
DECRSZ R, t
Decrement register, skip if zero
R ﹣1→t
None
1t1 001r rrrr
ANDWR R, t
AND W and register
R ∩ W→t
Z
100 0010 iiii
ANDWI i
AND W and immediate
i ∩ W→W
Z
1t1 011r rrrr
IORWR R, t
Inclu. OR W and register
R
W→t
Z
100 0110 iiii
IORWI i
Inclu. OR W and immediate
i
W→W
Z
1t1 010r rrrr
XORWR R, t
Exclu. OR W and register
R ♁ W→t
Z
100 0100 iiii
XORWI i
Exclu. OR W and immediate
i ♁ W→W
Z
1t1 000r rrrr
RRR
R, t
Rotate right register
R(n) →R(n-1),
0→R(3), R(0)→x
None
010 0bbr rrrr
BCR
R, b
Bit clear
0→R(b)
None
011 0bbr rrrr
BSR
R, b
Bit set
1→R(b)
None
010 1bb rrrr
BTSC R, b
Bit Test, skip if clear
Skip if R(b)=0
None
011 1bbr rrrr
BTSS R, b
Bit Test, skip if set
Skip if R(b)=1
None
00n nnnn nnnn
JUMP
n
JUMP(CALL) to address
n→PC
None
Note :
W
:
Working register
b
:
Bit position
WT
:
Watchdog timer
t
:
Target
TMRL
:
Time mode register low nibble
0 :
Working register
TMRH
:
TIme mode register high nibble
1 :
General register
CPIO
:
Control I/O port register
TF
:
Timer overflow flag
R
:
General register address
PF
:
Power loss flag
C
:
Carry flag
PC
:
Program Counter
OSC
:
Oscillator
Z
:
Zero flag
Inclu.
:
Inclusive ‘ ’
Exclu.
:
Exclusive ‘♁’
x
:
Don’t care
AND
:
Logic AND ‘∩’
i
:
Immediate data ( 4 bits )
n
:
Immediate address


Similar Part No. - MDT90P01ST2611

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT90P01ST2611 MDTIC-MDT90P01ST2611 Datasheet
149Kb / 11P
   4-bit micro-controller
More results

Similar Description - MDT90P01ST2611

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT90P01 MDTIC-MDT90P01_09 Datasheet
149Kb / 11P
   4-bit micro-controller
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3504 NJRC-NJU3504 Datasheet
1Mb / 62P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
ELAN Microelectronics C...
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com