Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P7212S12 Datasheet(PDF) 8 Page - Micon Design Technology Corporation

Part # MDT10P7212S12
Description  8-bit micro-controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P7212S12 Datasheet(HTML) 8 Page - Micon Design Technology Corporation

Back Button MDT10P7212S12 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P7212S12 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P7212S12 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P7212S12 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P7212S12 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P7212S12 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P7212S12 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P7212S12 Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P7212S12 Datasheet HTML 12Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MDT10P7212
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 8
2007/11 VER1.2
(20) CCP1CTL: R17
Bit
Symbol
Function
3~0
CCP1M3
~
CCP1M0
0 0 0 0: CCP1 off
0 1 0 0: Capture1 mode, every falling edge
0 1 0 1: Capture1 mode, every rising edge
0 1 1 0: Capture1 mode, every 4
th rising edge
0 1 1 1: Capture1 mode, every 16
th rising edge
1 0 0 0: Compare1 mode, set output on match
1 0 0 1: Compare1 mode, clear output on match
1 0 1 0: Compare1 mode, generate software interrupt on match
1 0 1 1: Compare1 mode, trigger special event
1 1 x x: PWM1 mode
5~4
PWM1LSB
These bits are the two LSBs of the PWM1 duty cycle
7~6
--
Unimplemented, read as ‘0’
(21) ADRESH: R1E
A/D result register high byte, The ADRESH register is not a writable register.
(22) ADS0 ( A/D Status Register ): R1F
Bit
Symbol
Function
0
ADRUN
0: A/D converter module is shut off and consumes no operating current
1: A/D converter module is operating
1
--
Unimplemented, read as ‘0’
2
GO/DONEB 0: A/D conversion not in progress
1: A/D conversion in progress
5~3
CHS2~0
000: AIC0
001: AIC1
010: AIC2
011: AIC3
100: AIC4
101: AIC5
110: AIC6
111: AIC7
7~6
ASCS1~0
00: fosc/2
01: fosc/8
10: fosc/32
11: f RC (*Note)
*Note: determined by OSC mode, HF: fosc/32, XT: fosc/8, RC: fosc/2, LF: fosc/2


Similar Part No. - MDT10P7212S12

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P7212S12 MDTIC-MDT10P7212S12 Datasheet
157Kb / 18P
   8-bit micro-controller
More results

Similar Description - MDT10P7212S12

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com