Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P55B1S Datasheet(PDF) 8 Page - Micon Design Technology Corporation

Part # MDT10P55B1S
Description  8-bit micro-controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P55B1S Datasheet(HTML) 8 Page - Micon Design Technology Corporation

Back Button MDT10P55B1S Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P55B1S Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P55B1S Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P55B1S Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P55B1S Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P55B1S Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P55B1S Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P55B1S Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P55B1S Datasheet HTML 11Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MDT10P55B
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 8
2005/6 Ver. 1.2
W
:
Working register
b
:
Bit position
WT
:
Watchdog timer
t
:
Target
TMODE
:
TMODE mode register
0
:
Working register
CPIO
:
Control I/O port register
1
:
General register
TF
:
Timer overflow flag
R
:
General register address
PF
:
Power loss flag
C
:
Carry flag
PC
:
Program Counter
HC
:
Half carry
OSC
:
Oscillator
Z
:
Zero flag
Inclu.
:
Inclusive
∪’
/
:
Complement
Exclu.
:
Exclusive
♁’
x
:
Don’t care
AND
:
Logic AND ‘
∩’
i
:
Immediate data ( 8 bits )
n
:
Immediate address
10. Oscillator start up timer condition :
Oscillator Type
Porwer-on reset
Subsequest resets
INTRC,RC
20ms,40ms,80ms
300us
HF,XT,LF
20ms,40ms,80ms
20ms,40ms,80ms
11. Electrical Characteristics
*Note: Temperature=25°C
1.Operation Current :
(1) HF (C=10p) , WDT - enable
4M
10M
20M
Sleep
2.5V
250uA
600uA
1.2mA
3.0uA
3.0V
325uA
740uA
1.4mA
8uA
4.0V
400uA
820uA
1.8mA
16uA
5.0V
622uA
1mA
2mA
30uA
6.4V
1mA
1.6mA
2.9mA
42.5uA
These parameters are for reference only.
(2) XT (C=10p) , WDT - enable
1M
4M
10M
Sleep
2.5V
100uA
280uA
500uA
1.0uA
3.0V
185uA
250uA
460uA
10uA
4.0V
280uA
340uA
700uA
15uA
5.0V
400uA
600uA
1mA
30uA
6.4V
900uA
980uA
1.6mA
60uA
These parameters are for reference only.


Similar Part No. - MDT10P55B1S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10P55B ETC1-MDT10P55B Datasheet
72Kb / 12P
   MDT10P55B
More results

Similar Description - MDT10P55B1S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com