Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P22DFA5P Datasheet(PDF) 8 Page - Micon Design Technology Corporation

Part # MDT10P22DFA5P
Description  8-bit micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P22DFA5P Datasheet(HTML) 8 Page - Micon Design Technology Corporation

Back Button MDT10P22DFA5P Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P22DFA5P Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P22DFA5P Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P22DFA5P Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P22DFA5P Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P22DFA5P Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P22DFA5P Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P22DFA5P Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P22DFA5P Datasheet HTML 12Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MDT10P22(DF)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 8
2007/8
Ver. 1.6
Power Edge Detect
Security bit
PED
Disable
Security Disable
PED
Enable
Security Enable
(B) Program Memory
Address
Description
000- 3FF
Program memory
3FF
The starting address of the power on, external
reset or WDT
8. Reset Condition for all Registers
Register
Address
Power-On Reset
/MCLR
Reset
WDT Reset
CPIO A
--
1111 1111
1111 1111
1111 1111
CPIO B
--
1111 1111
1111 1111
1111 1111
TMR
--
--11 1111
--11 1111
--11 1111
IAR
00h
RTCC
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PC
02h
1111 1111
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000# #uuu
000# #uuu
MSR
04h
100x xxxx
100u uuuu
1uuu uuuu
PORT A
05h
xxxx xxxx
uuuuuuuu
uuuu uuuu
PORT B
06h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CMR
07h
0000 0000
uuuu uuuu
uuuu uuuu
Note : u=unchanged,
x=unknown,
- =unimplemented, read as “0”
#=value depends on the condition of the following table
Condition
Status: bit 4
Status: bit 3
/MCLR reset (not during SLEEP)
U
u
/MCLR reset during SLEEP
1
0
WDT reset (not during SLEEP)
0
1
WDT reset during SLEEP
0
0


Similar Part No. - MDT10P22DFA5P

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P22DC MDTIC-MDT10P22DC Datasheet
127Kb / 18P
   8-bit micro-controller
More results

Similar Description - MDT10P22DFA5P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com