Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P22DFA5S Datasheet(PDF) 3 Page - Micon Design Technology Corporation

Part # MDT10P22DFA5S
Description  8-bit micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P22DFA5S Datasheet(HTML) 3 Page - Micon Design Technology Corporation

  MDT10P22DFA5S Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P22DFA5S Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P22DFA5S Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P22DFA5S Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P22DFA5S Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P22DFA5S Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P22DFA5S Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P22DFA5S Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P22DFA5S Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MDT10P22(DF)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 3
2007/8
Ver. 1.6
5. Block Diagram
S ta ck Two Le ve ls
P rogra m Counte rs
Os cilla tor Circuit
Powe r on Re s e t
P owe r Down Re s e t
8-bit Tim e r/Counte r
EP RO M
1Kx14 (MDT10P 22)
Ins truction
Re gis te r
Ins truction
De code r
Working Re gis te r
ALU
Pre s ca le
RAM
72x8
Special Re gis te r
Control Circuit
Sta tus Regis te r
WDT/OS T
Tim e r
Port B
Port A
OSC1
OS C2
MCLR
Da ta
8-bit
RTCC
10 bits
10 bits
14 bits
Port
PA0~P A7
(22,24 pins )
PA0~P A5
(20 pins )
PA0~P A3
(18 pins )
8 bits
Port
PB0~P B7
8 bits
D0~D7
Com pa ra t
or m ode
Re gis te r
CMR0~C
MR5


Similar Part No. - MDT10P22DFA5S

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P22DC MDTIC-MDT10P22DC Datasheet
127Kb / 18P
   8-bit micro-controller
More results

Similar Description - MDT10P22DFA5S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com