Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAFC-5S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAFC-5S
Description  10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAFC-5S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAFC-5S Datasheet HTML 1Page - Wall Industries,Inc. PSAFC-5S Datasheet HTML 2Page - Wall Industries,Inc. PSAFC-5S Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAFC Series
10 Watt Single Output
Encapsulated PCB Mount
AC/DC Switching Power Supply
MECHANICAL DRAWING
PIN CONNECTION
PIN #
SINGLE
1
AC IN (N)
2
AC IN (L)
3
+DC OUT
4
-DC OUT


Similar Part No. - PSAFC-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAFC-5S WALL-PSAFC-5S Datasheet
170Kb / 5P
   Isolation Class II
PSAFC-5S-E1A2 WALL-PSAFC-5S-E1A2 Datasheet
170Kb / 5P
   Isolation Class II
PSAFC-5S-E1A5 WALL-PSAFC-5S-E1A5 Datasheet
170Kb / 5P
   Isolation Class II
More results

Similar Description - PSAFC-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
   5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSASC WALL-PSASC Datasheet
146Kb / 3P
   30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
PSAQC60 WALL-PSAQC60 Datasheet
199Kb / 3P
   For PCB Mount 60 Watt Single Output AC/DC Switching Power Supply
PSATC WALL-PSATC_18 Datasheet
526Kb / 5P
   10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PSATC WALL-PSATC Datasheet
156Kb / 3P
   10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
   40 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
   240 Watt Single Output AC/DC Power Supply
PSS320 WALL-PSS320 Datasheet
158Kb / 3P
   320 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
   60 Watt Single Output AC/DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com