Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10F6301P11 Datasheet(PDF) 7 Page - Micon Design Technology Corporation

Part # MDT10F6301P11
Description  8-bit Micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10F6301P11 Datasheet(HTML) 7 Page - Micon Design Technology Corporation

Back Button MDT10F6301P11 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10F6301P11 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10F6301P11 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10F6301P11 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10F6301P11 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10F6301P11 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10F6301P11 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10F6301P11 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10F6301P11 Datasheet HTML 11Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MDT10F6301
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P.7
2008/4
Ver. 1.0
EEIF : EEPROM Write Operation Interrupt Flag Bit.
0 = The EEPROM write operation is not completed or has not been start
1 = The EEPROM write operation completed (must be cleared in software)
CMIF : Comparator Interrupt Flag Bit.
0 = Comparator input has not changed
1 = Comparator input has changed (must be cleared in software)
TMR1IF : TMR1 Overflow Interrupt Flag Bit.
0 = Timer1 register did not overflow
1 = Timer1 register overflowed (must be cleared in software)
(13). 0DH : Unimplemented register.
(14). 0EH : TMR1L (The timer1 LSB register)
The LSB of the 16-bit TMR1.
(15). 0FH : TMR1H (The timer1 MSB register)
The MSB of the 16-bit TMR1.
(16). 10H : Timer1 control register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T1STA
-
TMR1GE
T1CKPS1 T1CKPS1 T1OSCEN /T1SYNC TMR1CLK TMR1ON
TMR1GE : Timer1 Gate Enable Bit.
If TMR1ON = 0 this bit is ignored
If TMR1ON = 1
0 = Timer1 is on
1 = Timer1 is on if /T1G pin is low
T1CKPS1 & T1CKPS0: Timer1 Input Clock Prescale Select bits.
0 0 = 1 : 1 Prescale value
0 1 = 1 : 2 Prescale value
1 0 = 1 : 4 Prescale value
1 1 = 1 : 8 Prescale value
T1OSCEN : LF Oscillator Enable Bit.
If INTOSC without CLKOUT oscillator is active :
0 = LP oscillator is off
1 = LP oscillator is enabled for Timer1 clock
/T1SYNC : Timer1 External Clock Input Synchronization Control Bit.
If TMR1CLK = 0 this bit is ignored
Timer1 use internal clock
If TMR1CLK = 1
0 = Synchronize external clock input
1 = Do not synchronize external clock input
TMR1CLK : Timer1 Clock Source Select Bit.
0 = Select internal clock Fosc/4
1 = Select External clock from T1CKI pin (on rising edge)
TMR1ON : TMR1 On Bit.
0 = Stop Timer1
1 = Enable Timer1


Similar Part No. - MDT10F6301P11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10F630 ETC2-MDT10F630 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
Micon Design Technology...
MDT10F630 MDTIC-MDT10F630 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
List of Unclassifed Man...
MDT10F630P11 ETC2-MDT10F630P11 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
Micon Design Technology...
MDT10F630P11 MDTIC-MDT10F630P11 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
List of Unclassifed Man...
MDT10F630P13 ETC2-MDT10F630P13 Datasheet
230Kb / 19P
   8-bit Micro-controller
More results

Similar Description - MDT10F6301P11

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com