Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10F630P11 Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # MDT10F630P11
Description  8-bit Micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10F630P11 Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  MDT10F630P11 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10F630P11 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10F630P11 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10F630P11 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10F630P11 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10F630P11 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10F630P11 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10F630P11 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10F630P11 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MDT10F630
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P.1
2008/4
Ver. 1.0
1. General Description
This 8-bit Micro-controller uses a fully static
CMOS technology to achieve high speed, small
size, low power and high noise immunity.
On chip memory includes 1 K words of Flash
ROM, and 128 bytes of EEPROM, and 64 bytes
of static RAM.
2. Features
Fully CMOS static design
8-bit data bus
On chip flash ROM size :
MDT10F630 -- 1 K words
Internal RAM size :
MDT10F630 -- 64 bytes
(64 general purpose registers)
128 bytes of EEPROM
37 single word instructions
14-bit instructions
8-level stacks
Operating voltage : 2.3V ~ 5.5 V
Watchdog timer with on-chip RC oscillator
Interrupt capability
Timer0 : 8-bit timer with 3-bit prescaler
Timer1 : 16-bit timer with 2-bit prescaler
One analog comparator module
Sleep mode for power saving
PA with port change wake-up interrupt
Power-on Reset
12 I/O pins with their own independent
direction control
3. Applications
The application areas of this MDT10F630 range
from appliance motor control and high speed
automotive
to
low
power
remote
transmitters/receivers,
pointing
devices,
and
telecommunications processors, such as Remote
controller,
small
instruments,
chargers,
toy,
automobile and PC peripheral … etc.
4. Pin Assignment
MDT10F630P11 (DIP)
MDT10F630S11 (SOP)
Vdd 1
14
Vss
OSC1/PA5 2
13
PA0/CIN+
OSC2/PA4 3
12
PA1/CIN-
PA3 4
11
PA2/INT
PC5 5
10
PC0
PC4 6
9
PC1
PC3 7
8
PC2
MDT10F630P13 (DIP)
MDT10F630S13 (SOP)
Vdd 1
14
Vss
OSC1/PA5 2
13
PA0/CIN+
OSC2/PA4 3
12
PA1/CIN-
/MCLR 4
11
PA2/INT
PC5 5
10
PC0
PC4 6
9
PC1
PC3 7
8
PC2


Similar Part No. - MDT10F630P11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10F630P11 ETC2-MDT10F630P11 Datasheet
230Kb / 19P
   8-bit Micro-controller
More results

Similar Description - MDT10F630P11

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com