Electronic Components Datasheet Search |
|
753123681GPTR13 Datasheet(PDF) 1 Page - CTS Corporation |
|
753123681GPTR13 Datasheet(HTML) 1 Page - CTS Corporation |
1 / 6 page 1 of 6 January 2007 CTS Electronic Components www.ctscorp.com Features • High Density Packaging • Low Profile • Inputs/Outputs Available: Single Row Terminations (SRT) – 8, 9, 10, 12 Dual Row Terminations (DRT) – 16, 18, 20, 24 • Nickel Barrier Solder-Coated Pads • Designed For Visual Inspection of Solder Joints • Designed For Board Cleaning • Application Specific Circuits Are Available • Compatible With Reflow Solder Process • RoHS Compliant Leadless Surface Mount Series 753 Technical Data Resistance Tolerance: Resistance Range: Standard: ±2% or 0.5Ω (whichever is greater) Standard: 10Ω to 1 MegΩ Special: ±1% or 0.3Ω (whichever is greater) Temperature Coefficient: Maximum Operating Voltage: Standard: ±200PPM/°C 25V not to exceed rated power Operating Temperature Range: -55°C to + 125°C Power Rating (Total Network Power): Number of inputs/outputs (watts) SRT 8 9 10 12 DRT 16 18 20 24 @25°C 0.6 0.64 0.68 0.82 0.6 0.64 0.68 0.82 @70°C 0.4 0.43 0.45 0.55 0.4 0.43 0.45 0.55 Maximum Resistor Power: (Not to Exceed Total Network Power) Bussed & Dual Terminator Schematic Isolated Schematic @25°C 0.06w 0.12w @70°C 0.04w 0.08w |
Similar Part No. - 753123681GPTR13 |
|
Similar Description - 753123681GPTR13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |