Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8531T Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8531T
Description  11.3 Gbps Limiting Transimpedance Amplifier With RSSI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET8531T Datasheet(HTML) 1 Page - Texas Instruments

  ONET8531T Datasheet HTML 1Page - Texas Instruments ONET8531T Datasheet HTML 2Page - Texas Instruments ONET8531T Datasheet HTML 3Page - Texas Instruments ONET8531T Datasheet HTML 4Page - Texas Instruments ONET8531T Datasheet HTML 5Page - Texas Instruments ONET8531T Datasheet HTML 6Page - Texas Instruments ONET8531T Datasheet HTML 7Page - Texas Instruments ONET8531T Datasheet HTML 8Page - Texas Instruments ONET8531T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ONET8531T
SLLS891 – FEBRUARY 2008
www.ti.com
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
• SONET OC-192
• 10 GHz Bandwidth
• SFP+ Optical Receivers
• 4.5 kΩ Differential Small Signal
• 10× Fibre Channel Optical Receivers
Transimpedance
• 10G Ethernet Receivers
• 2.5 mA
p-p Input Overload Current
• PIN Preamplifier-Receivers
• Received Signal Strength Indication (RSSI)
• APD Preamplifier Receivers
• 100 mW Typical Power Dissipation
• CML Data Outputs With On-Chip 50 Ω
Back-Termination
• On Chip Supply Filter Capacitor
• Single 3.3 V Supply
• Die Size: 945 × 1200 µm
• Case temperature operation: –40°C to 100°C
The ONET8531T is a high-speed and high-gain limiting-transimpedance amplifier, used in optical receivers with
data rates up to 12.5 Gbps. It features low input referred noise, 10 GHz bandwidth, 4.5 k
Ω small signal
transimpedance, and a received signal strength indicator (RSSI).
The ONET8531T is available in die form, includes an on-chip VCC bypass capacitor and is optimized for
packaging in a TO can.
The ONET8531T requires a single +3.3V ± 10% supply and its power efficient design typically dissipates less
than 105 mW. The device is characterized for operation from –40
°C to 100°C case (IC back side) temperature.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ONET8531T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8531T TI1-ONET8531T Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8531T TI1-ONET8531T Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531TY TI1-ONET8531TY Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8531TY TI1-ONET8531TY Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531TYS TI1-ONET8531TYS Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
More results

Similar Description - ONET8531T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com