Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT543CTSOCG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT543CTSOCG4
Description  8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT543CTSOCG4 Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT543CTSOCG4 Datasheet HTML 1Page - Texas Instruments CY74FCT543CTSOCG4 Datasheet HTML 2Page - Texas Instruments CY74FCT543CTSOCG4 Datasheet HTML 3Page - Texas Instruments CY74FCT543CTSOCG4 Datasheet HTML 4Page - Texas Instruments CY74FCT543CTSOCG4 Datasheet HTML 5Page - Texas Instruments CY74FCT543CTSOCG4 Datasheet HTML 6Page - Texas Instruments CY74FCT543CTSOCG4 Datasheet HTML 7Page - Texas Instruments CY74FCT543CTSOCG4 Datasheet HTML 8Page - Texas Instruments CY74FCT543CTSOCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CY54FCT543T, CY74FCT543T
8-BIT LATCHED REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCCS030A – MAY 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT and F Logic
D Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D 3-State Outputs
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Separation Controls for Data Flow in Each
Direction
D Back-to-Back Latches for Storage
D CY54FCT543T
– 48-mA Output Sink Current
– 12-mA Output Source Current
D CY74FCT543T
– 64-mA Output Sink Current
– 32-mA Output Source Current
description
The ’FCT543T octal latched transceivers contain two sets of eight D-type latches with separate latch-enable
(LEAB, LEBA) and output-enable (OEAB, OEBA) inputs for each set to permit independent control of input and
output in either direction of data flow. For data flow from A to B, for example, the A-to-B enable (CEAB) input
must be low in order to enter data from A or to take data from B, as indicated in the function table. With CEAB
low, a low signal on the A-to-B latch-enable (LEAB) input makes the A-to-B latches transparent; a subsequent
low-to-high transition of the LEAB signal puts the A latches in the storage mode and their outputs no longer
change with the A inputs. With CEAB and OEAB low, the 3-state B-output buffers are active and reflect the data
present at the output of the A latches. Control of data from B to A is similar, but uses CEBA, LEBA, and OEBA
inputs.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LEBA
OEBA
A0
A1
A2
A3
A4
A5
A6
A7
CEAB
GND
VCC
CEBA
B0
B1
B2
B3
B4
B5
B6
B7
LEAB
OEAB
CY54FCT543T ...D PACKAGE
CY74FCT543T ...Q OR SO PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CY74FCT543CTSOCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT543CTSOC TI-CY74FCT543CTSOC Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
CY74FCT543CTSOCT TI-CY74FCT543CTSOCT Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
More results

Similar Description - CY74FCT543CTSOCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT646T TI1-CY54FCT646T_14 Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com